Electronic Components Datasheet Search
  English  ▼

X  

CASR15-NP Datasheet(PDF) 12 Page - LEM

Part # CASR15-NP
Description  Current Transducer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CASR15-NP Datasheet(HTML) 12 Page - LEM

Back Button CASR15-NP Datasheet HTML 8Page - LEM CASR15-NP Datasheet HTML 9Page - LEM CASR15-NP Datasheet HTML 10Page - LEM CASR15-NP Datasheet HTML 11Page - LEM CASR15-NP Datasheet HTML 12Page - LEM CASR15-NP Datasheet HTML 13Page - LEM CASR15-NP Datasheet HTML 14Page - LEM CASR15-NP Datasheet HTML 15Page - LEM CASR15-NP Datasheet HTML 16Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Page 12/18
8March2012/version 7
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
CASR series
Ampere-turns and amperes
The transducer is sensitive to the primary current linkage
Q
P (also called ampere-turns).
Q
P=N
PIP(At)
Where
N
PI
P the number of primary turn (1, 2 or 3
depending on the connection of the primary
jumpers)
Caution: As most applications will use the transducer with only
one single primary turn (
N
P = 1), much of this datasheet is
written in terms of primary current instead of current linkages.
However, the ampere-turns (A-t) unit is used to emphasis that
current linkages are intended and applicable.
Transducer simplified model
The static model of the transducer at temperature
T
A is:
V
OUT = G QP + error
In which error =
V
OE + VOT (TA) + εG ·QP·G + εL(QPmax)·QPmax·G + TCG·(TA-25)·QP·G
With:
Q
P = NPIP
:the input ampere-turns (At)
Please read above warning.
Q
Pmax
:the maxi input ampere-turns that have
been applied to the transducer (At)
V
OUT
:the secondary voltage (V)
T
A
:the ambient temperature (°C)
V
OE
:the electrical offset voltage (V)
V
OT(TA)
:the temperature variation of
V
O at
temperature
T
A (V)
G
:the sensitivity of the transducer (V/At)
ε
G
:the sensitivity error
ε
L (QPmax)
:the linearity error for Q
Pmax
This model is valid for primary ampere-turns Q
P between
-Q
Pmax and +QPmax only.
Performance parameters definition
Sensitivity and linearity
To measure sensitivity and linearity, the primary current (DC)
is cycled from 0 to
I
P, then to -IP and back to 0 (equally spaced
I
P/10 steps).
The sensitivity G is defined as the slope of the linear regres-
sion line for a cycle between ±
I
PN.
The linearity error
ε
L is the maximum positive or negative
difference between the measured points and the linear
regression line, expressed in % of
I
PN.
Magnetic offset
The magnetic offset current
I
OM is the consequence of a cur-
rent on the primary side (“memory effect” of the transducer’s
ferro-magnetic parts). It is included in the linearity figure but
can be measured individually.
It is measured using the following primary current cycle.
I
OM depends on the current value IP1.
Figure 30:Current cycle used to measure magnetic and
electrical offset (transducer supplied)
IP (DC)
-IP1
IP1
0 A
t1
t
t
Ip(3)
t2
Ip(
3)
Gth
t
V
t
V
I
OUT
OUT
OM
1
2
)
(
)
(
2
1
⋅
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com