Electronic Components Datasheet Search
  English  ▼

X  

CASR15-NP Datasheet(PDF) 14 Page - LEM

Part # CASR15-NP
Description  Current Transducer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CASR15-NP Datasheet(HTML) 14 Page - LEM

Back Button CASR15-NP Datasheet HTML 10Page - LEM CASR15-NP Datasheet HTML 11Page - LEM CASR15-NP Datasheet HTML 12Page - LEM CASR15-NP Datasheet HTML 13Page - LEM CASR15-NP Datasheet HTML 14Page - LEM CASR15-NP Datasheet HTML 15Page - LEM CASR15-NP Datasheet HTML 16Page - LEM CASR15-NP Datasheet HTML 17Page - LEM CASR15-NP Datasheet HTML 18Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Page 14/18
8March2012/version 7
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
CASR series
1 2 3
10 9 8
Filtering and decoupling
Supply voltage V
C
The fluxgate oscillator draws current pulses of up to 30 mA at
a rate of ca. 900 kHz. Significant 900 kHz voltage ripple on
V
C can indicate a power supply with high impedance. At these
frequencies the power supply rejection ratio is low, and the
ripple may appear on the transducer output
V
OUT and reference
V
REF. The transducer has internal decoupling capacitors, but in
the case of a power supply with high impedance, it is advised
to provide local decoupling (100 nF or more, located close to
the transducer)
Output V
OUT
The output
V
OUT has a very low output impedance of
typically 2 Ohms; it can drive 100 pF directly. Adding series
Rf = 100 Ohms allows much larger capacitive loads. Empirical
evaluation may be necessary to obtain optimum results.
The minimum load resistance on
V
OUT is 1 kOhm.
Total Primary Resistance
The primary resistance is 0.72 mΩ per conductor.
In the following table, examples of primary resistance
according to the number of primary turns.
Reference V
REF
Ripple present on the reference output can be filtered with a
low value of capacitance because of the internal 680 Ohm
series resistance. The maximum filter capacitance value is
1 µF.Application information
Application information
Number of
primary turns
Primary
resistance
R
P [mW]
Recommended
connections
1
0.24
10
9
8
OUT
IN
1
2
3
2
1.08
10
9
8
OUT
IN
1
2
3
3
2.16
10
9
8
OUT
IN
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com