Electronic Components Datasheet Search
  English  ▼

X  

HO25-P Datasheet(PDF) 7 Page - LEM

Part # HO25-P
Description  Current Transducer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HO25-P Datasheet(HTML) 7 Page - LEM

Back Button HO25-P Datasheet HTML 3Page - LEM HO25-P Datasheet HTML 4Page - LEM HO25-P Datasheet HTML 5Page - LEM HO25-P Datasheet HTML 6Page - LEM HO25-P Datasheet HTML 7Page - LEM HO25-P Datasheet HTML 8Page - LEM HO25-P Datasheet HTML 9Page - LEM HO25-P Datasheet HTML 10Page - LEM HO25-P Datasheet HTML 11Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Page 7/12
21October2014/Version 3
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
HO-P series
Definition of typical, minimum and maximum values
Minimum and maximum values for specified limiting and safety conditions have to be understood as such as well as values
shown in “typical” graphs. On the other hand, measured values are part of a statistical distribution that can be specified by an
interval with upper and lower limits and a probability for measured values to lie within this interval.
Unless otherwise stated (e.g. “100 % tested”), the LEM definition for such intervals designated with “min” and “max” is that
the probability for values of samples to lie in this interval is 99.73 %. For a normal (Gaussian) distribution, this corresponds
to an interval between -3 sigma and +3 sigma. If “typical” values are not obviously mean or average values, those values are
defined to delimit intervals with a probability of 68.27 %, corresponding to an interval between -sigma and +sigma for a normal
distribution.
Typical, maximal and minimal values are determined during the initial characterization of a product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com