Electronic Components Datasheet Search
  English  ▼

X  

HO25-P Datasheet(PDF) 8 Page - LEM

Part # HO25-P
Description  Current Transducer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HO25-P Datasheet(HTML) 8 Page - LEM

Back Button HO25-P Datasheet HTML 4Page - LEM HO25-P Datasheet HTML 5Page - LEM HO25-P Datasheet HTML 6Page - LEM HO25-P Datasheet HTML 7Page - LEM HO25-P Datasheet HTML 8Page - LEM HO25-P Datasheet HTML 9Page - LEM HO25-P Datasheet HTML 10Page - LEM HO25-P Datasheet HTML 11Page - LEM HO25-P Datasheet HTML 12Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Page 8/12
21October2014/Version 3
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
HO-P series
Maximum continuous DC primary current
Figure 1: I
P vs TA for HO series
Important notice: whatever the usage and/or application, the primary conductor temperature shall not go above the maximum
rating of 125 °C as stated in page 2 of this datasheet.
0
10
20
30
40
50
0
25
50
75
100
125
TA(
℃)
15A
15A
15A
15A
15A
15A
15A
HO 6
0
12.5
25
37.5
50
62.5
0
25
50
75
100
125
TA(
℃)
15A
15A
15A
15A
15A
15A
15A
HO 10
0
25
50
75
100
0
25
50
75
100
125
TA(
℃)
HO 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com