Electronic Components Datasheet Search
  English  ▼

X  

HO240-P Datasheet(PDF) 12 Page - LEM

Part # HO240-P
Description  Current Transducer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HO240-P Datasheet(HTML) 12 Page - LEM

Back Button HO240-P Datasheet HTML 7Page - LEM HO240-P Datasheet HTML 8Page - LEM HO240-P Datasheet HTML 9Page - LEM HO240-P Datasheet HTML 10Page - LEM HO240-P Datasheet HTML 11Page - LEM HO240-P Datasheet HTML 12Page - LEM HO240-P Datasheet HTML 13Page - LEM HO240-P Datasheet HTML 14Page - LEM HO240-P Datasheet HTML 15Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Page 12/15
16July2015/Version 5
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
HO 60 .. 250-P series
HO-P series: name and codification
HO family products may be ordered
on request 1) with a dedicated setting of the parameters as described below
(standards products are delivered with the setting 0100 according to the table).
HO-P-XXXX
Standards products are:
- HO 60-P-0100
- HO 100-P-0100
- HO 120-P-0100
- HO 180-P-0100
- HO 240-P-0100
- HO 250-P-0100
Notes: 1) For dedicated settings, minimum quantities apply, please contact your local LEM support
2)
V
ref electrical data
3)
OCD (× I
PN) correction table versus range and temperature.
All other values or empty cells: no change
V
ref
parameter
V
ref (V)
TCV
ref (ppm/K)
min
typ
max
min
max
0
2.48
2.5
2.52
−170
-70
1
1.63
1.65
1.67
−170
170
2
1.48
1.5
1.52
−170
170
3
0.49
0.5
0.51
−250
250
HO-P-010x
OCD
Parameter
I
PN (A) all temperatures
120
180
240
250
A
B
C
D
E
6
F
G
H
7
0
1
2
3
5.10
5.60
4
6.7
7.30
5
-
-
Tolerance on OCD value
±20 %
±15 %
±10 %
No change
-
Do not use
Internal reference 2)
0
2.5 V
1
1.65 V
2
1.5 V
3
0.5 V
4
External V
ref only
Response time
0
4 µs
1
3.5 µs
2
6 µs
EEPROM Control
0
YES
1
NO
Over current detection (× I
PN )
3)
0
2.93
A
0.68
1
3.59
B
0.93
2
3.99
C
1.17
3
4.77
D
1.44
4
5.19
E
1.60
5
5.76
F
1.91
6
1.68
G
2.08
7
2.35
H
2.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com