Electronic Components Datasheet Search
  English  ▼

X  

HO240-P Datasheet(PDF) 13 Page - LEM

Part # HO240-P
Description  Current Transducer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HO240-P Datasheet(HTML) 13 Page - LEM

Back Button HO240-P Datasheet HTML 7Page - LEM HO240-P Datasheet HTML 8Page - LEM HO240-P Datasheet HTML 9Page - LEM HO240-P Datasheet HTML 10Page - LEM HO240-P Datasheet HTML 11Page - LEM HO240-P Datasheet HTML 12Page - LEM HO240-P Datasheet HTML 13Page - LEM HO240-P Datasheet HTML 14Page - LEM HO240-P Datasheet HTML 15Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Page 13/15
16July2015/Version 5
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
HO 60 .. 250-P series
Application information
HOxx-P series is designed to use a bus-bar or a cable 1) to carry the current through out the aperture with a maximum capacity
of 15 × 8 mm. The 2 jumpers should be used as mechanical fixation on the PCBA and must be kept in open circuit.
HO-P series: output compatibility with HAIS series
Reference
I
PN (A)
I
PM (A)
I
PM / IPN
V
out −Vref
@ I
PN (V)
Reference
I
PN (A)
I
PM (A)
I
PM / IPN
V
out − Vref
@ I
PN (V)
HO 60-P
60
150
2.5
0.8
HAIS 50-P
50
150
3
0.625
HO 100-P
100
250
2.5
0.8
HO 120-P
120
300
2.5
0.8
HAIS 100-P
100
300
3
0.625
HO 180-P
180
450
2.5
0.8
HAIS 150-P
150
450
3
0.625
HO 240-P
240
600
2.5
0.8
HAIS 200-P
200
600
3
0.625
HO 250-P
250
625
2.5
0.8
The HO-P gives the same output levels as the HAIS-P referring to the HAIS nominal currents.
This allows easier replacement of HAIS by HO-P in existing applications.
Note: 1) The maximum magnetic offset referred to primary is inversely proportional to the number of turns, thus is divided by 2 with 2 turns.
Definition of typical, minimum and maximum values
Minimum and maximum values for specified limiting and safety conditions have to be understood as such as well as values
shown in “typical” graphs.
On the other hand, measured values are part of a statistical distribution that can be specified by an interval with upper and lower
limits and a probability for measured values to lie within this interval.
Unless otherwise stated (e.g. “100 % tested”), the LEM definition for such intervals designated with “min” and “max” is that the
probability for values of samples to lie in this interval is 99.73 %.
For a normal (Gaussian) distribution, this corresponds to an interval between −3 sigma and +3 sigma. If “typical” values are not
obviously mean or average values, those values are defined to delimit intervals with a probability of 68.27 %, corresponding to
an interval between −sigma and +sigma for a normal distribution.
Typical, maximal and minimal values are determined during the initial characterization of the product.
Remark
Installation of the transducer must be done unless otherwise specified on the datasheet, according to LEM Transducer Generic
Mounting Rules. Please refer to LEM document N°ANE120504 available on our Web site:
Products/Product Documentation
Safety
This transducer must be used in limited-energy secondary circuits according to IEC 61010-1.
This transducer must be used in electric/electronic equipment with respect to applicable standards and safety requirements in
accordance with the manufacturer’s operating instructions.
Caution, risk of electrical shock.
When operating the transducer, certain parts of the module can carry hazardous voltage (e.g. primary bus bar, power supply).
Ignoring this warning can lead to injury and/or cause serious damage.
This transducer is a build-in device, whose conducting parts must be inaccessible after installation.
A protective housing or additional shield could be used.
Main supply must be able to be disconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com