Electronic Components Datasheet Search
  English  ▼

X  

IR3101 Datasheet(PDF) 4 Page - International Rectifier

Part # IR3101
Description  Half-Bridge FredFet and Integrated Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3101 Datasheet(HTML) 4 Page - International Rectifier

  IR3101 Datasheet HTML 1Page - International Rectifier IR3101 Datasheet HTML 2Page - International Rectifier IR3101 Datasheet HTML 3Page - International Rectifier IR3101 Datasheet HTML 4Page - International Rectifier IR3101 Datasheet HTML 5Page - International Rectifier IR3101 Datasheet HTML 6Page - International Rectifier IR3101 Datasheet HTML 7Page - International Rectifier IR3101 Datasheet HTML 8Page - International Rectifier IR3101 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IR3101
4
www.irf.com
Driver IC Characteristic
Symbol
Definition
Min.
Typ.
Max.
Units
Conditions
VCCUV+
VCC supply undervoltage
positive going threshold
8.0
8.9
9.8
V
VCCUV-
VCC supply undervoltage
negative going threshold
7.4
8.2
9.0
V
VCCUVH
VCC supply undervoltage
lockout hysteresis
0.3
0.7
-
V
VBSUV+
VBS supply undervoltage
positive going threshold
8.0
8.9
9.8
V
VBSUV-
VBS supply undervoltage
negative going threshold
7.4
8.2
9.0
V
VBSUVH
VBS supply undervoltage
lockout hysteresis
0.3
0.7
-
V
VIH
Logic "1" input voltage for HIN
& LIN
2.9
-
-
V
VCC=10V to 20V
VIL
Logic "0" input voltage for HIN
& LIN
-
-
0.8
V
VCC=10V to 20V
IIN+
Logic "1" input bias current
-
5
20
µA
HIN, LIN = 5V
IIN-
Logic "0" input bias current
-
1
2
µA
HIN, LIN = 0V
MT
Delay Matching HS & LS turn
on/ turn off
-
0
30
ns
IC Driver
V
o
V
DD
V
B
V
CC
H
IN
L
IN
V
SS
COM
9
11
8
1
2
3
5
6
Figure 2: Driver input/output relation
HIN
LIN
VO
0
1
0
1
0
VDD
1
1
Shoot-Through
condition
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com