Electronic Components Datasheet Search
  English  ▼

X  

IRF7457 Datasheet(PDF) 15 Page - International Rectifier

Part # IRF7457
Description  8-PIN SYNCHRONOUS PWM CONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7457 Datasheet(HTML) 15 Page - International Rectifier

Back Button IRF7457 Datasheet HTML 11Page - International Rectifier IRF7457 Datasheet HTML 12Page - International Rectifier IRF7457 Datasheet HTML 13Page - International Rectifier IRF7457 Datasheet HTML 14Page - International Rectifier IRF7457 Datasheet HTML 15Page - International Rectifier IRF7457 Datasheet HTML 16Page - International Rectifier IRF7457 Datasheet HTML 17Page - International Rectifier IRF7457 Datasheet HTML 18Page - International Rectifier IRF7457 Datasheet HTML 19Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
IRU3037 / IRU3037A
15
Rev. 2.8
03/10/03
www.irf.com
Figure 19 - Typical application of IRU3037 or IRU3037A in an on-board DC-DC converter providing the Core,
GTL+, and Clock supplies for the Pentium II microprocessor.
TYPICAL APPLICATION
Dual Supply, 5V Bus and 12V Bias Input
IRU3037
U1
Vcc
Vc
HDrv
LDrv
Fb
Gnd
Comp
SS/SD
Vcc
Vc
HDrv
LDrv
Fb
Gnd
Comp
12V
IRU1206-18
2.5V/2A
1.8V/1A
R3
1K
1%
C3
47uF
C1
47uF
L1
1uH
C2
10TPB100M, 100uF,
55m
V, 1.5A rms
Q1
1/2 of IRF7752
L2
CTX5-2P, 3.5uH @ 2.5A
Q2
1/2 of IRF7752
R1
1K, 1%
C1
1uF
C4
1uF
C7
0.1uF
C8
2200pF
R2
14K
C10
1uF
C11
1uF
C13
0.1uF
C14
2200pF
R5
14K
R6
1K, 1%
R4
1.65K, 1%
Q4
1/2 of IRF7752
L3
CTX5-1P, 3.4uH @ 2A
Q3
1/2 of IRF7752
C9
10TPB100M, 100uF,
55m
V, 1.5A rms
3.3V/1.8A
L2
CTX5-2P, 3.5uH @ 2.5A
CTX10-5P, 5.7uH @ 2.5A
C6
6TPB150M, 150uF, 55m
V (Qty 2)
6TPB150M, 150uF, 55m
V (Qty 1)
C6
6TPB150M, 150uF, 55m
V
C12
6TPB150M, 150uF, 55m
V
5V
IRU3037
U2
SS/SD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com