Electronic Components Datasheet Search
  English  ▼

X  

IRF7457 Datasheet(PDF) 16 Page - International Rectifier

Part # IRF7457
Description  8-PIN SYNCHRONOUS PWM CONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7457 Datasheet(HTML) 16 Page - International Rectifier

Back Button IRF7457 Datasheet HTML 12Page - International Rectifier IRF7457 Datasheet HTML 13Page - International Rectifier IRF7457 Datasheet HTML 14Page - International Rectifier IRF7457 Datasheet HTML 15Page - International Rectifier IRF7457 Datasheet HTML 16Page - International Rectifier IRF7457 Datasheet HTML 17Page - International Rectifier IRF7457 Datasheet HTML 18Page - International Rectifier IRF7457 Datasheet HTML 19Page - International Rectifier IRF7457 Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
16
Rev. 2.8
05/10/04
IRU3037 / IRU3037A
www.irf.com
TYPICAL APPLICATION
1.8V to 7.5V / 0.5A Boost Converter
Figure 20 - Typical application of IRU3037 as a boost converter.
SS/SD Comp Vc
HDrv
Fb
Vcc LDrv Gnd
IRU3037
U1
R2
10K
R3
20K
Vpwr (1.5V Min)
Vc/Vcc
VOUT
(7.5V / 0.5A)
Gnd
C9
2x 47uF
D1
1N5817
L1
1uH (CoilTronics UP2B-1R0)
C1
2x 68uF
5K, 1%
1K, 1%
C8
1uF
R4
25K
R1
20K
Q2
2N2222
Q1
2N2222
C5
1uF
Q3
IRF7402
C4
0.01uF
C5
0.1uF
C10
100pF
R5
R6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com