Electronic Components Datasheet Search
  English  ▼

X  

ISP1160BM/01 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # ISP1160BM/01
Description  Embedded Universal Serial Bus Host Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1160BM/01 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button ISP1160BM/01 Datasheet HTML 35Page - NXP Semiconductors ISP1160BM/01 Datasheet HTML 36Page - NXP Semiconductors ISP1160BM/01 Datasheet HTML 37Page - NXP Semiconductors ISP1160BM/01 Datasheet HTML 38Page - NXP Semiconductors ISP1160BM/01 Datasheet HTML 39Page - NXP Semiconductors ISP1160BM/01 Datasheet HTML 40Page - NXP Semiconductors ISP1160BM/01 Datasheet HTML 41Page - NXP Semiconductors ISP1160BM/01 Datasheet HTML 42Page - NXP Semiconductors ISP1160BM/01 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
Philips Semiconductors
ISP1160
Embedded USB Host Controller
Product data
Rev. 04 — 04 July 2003
39 of 88
9397 750 11371
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
10.1.3
HcCommandStatus register (R/W: 02H/82H)
The HcCommandStatus register is used by the HC to receive commands issued by
the HCD, and it also reflects the HC’s current status. To the HCD, it appears to be a
‘write to set’ register. The HC must ensure that bits written as logic 1 become set in
the register while bits written as logic 0 remain unchanged in the register. The HCD
may issue multiple distinct commands to the HC without concern for corrupting
previously issued commands. The HCD has normal read access to all bits.
The SchedulingOverrunCount field indicates the number of frames with which the HC
has detected the scheduling overrun error. This occurs when the Periodic list does
not complete before EOF. When a scheduling overrun error is detected, the HC
increments the counter and sets the SchedulingOverrun field in the HcInterruptStatus
register.
Code (Hex): 02 — read
Table 11:
HcControl register: bit description
Bit
Symbol
Description
31 to 11
-
reserved
10
RWE
RemoteWakeupEnable: This bit is used by the HCD to enable or
disable the remote wake-up feature upon the detection of
upstream resume signaling. When this bit is set and the
ResumeDetected bit in HcInterruptStatus is set, a remote wake-up
is signaled to the host system. Setting this bit has no impact on the
generation of hardware interrupt.
9RWC
RemoteWakeupConnected: This bit indicates whether the HC
supports remote wake-up signaling. If remote wake-up is
supported and used by the system, it is the responsibility of
system firmware to set this bit during POST. The HC clears the bit
upon a hardware reset but does not alter it upon a software reset.
Remote wake-up signaling of the host system is host-bus-specific
and is not described in this specification.
8
-
reserved
7 to 6
HCFS
HostControllerFunctionalState for USB:
00B — USBReset
01B — USBResume
10B — USBOperational
11B — USBSuspend
A transition to USBOperational from another state causes
start-of-frame (SOF) generation to begin 1 ms later. The HCD may
determine whether the HC has begun sending SOFs by reading
the StartofFrame field of HcInterruptStatus.
This field can be changed by the HC only when in the
USBSuspend state. The HC can move from the USBSuspend
state to the USBResume state after detecting the resume signaling
from a downstream port.
The HC enters USBReset after a software reset and a hardware
reset. The latter also resets the Root Hub and asserts subsequent
reset signaling to downstream ports.
5 to 0
-
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com