Electronic Components Datasheet Search
  English  ▼

X  

ISP1160BM/01 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # ISP1160BM/01
Description  Embedded Universal Serial Bus Host Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1160BM/01 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button ISP1160BM/01 Datasheet HTML 9Page - NXP Semiconductors ISP1160BM/01 Datasheet HTML 10Page - NXP Semiconductors ISP1160BM/01 Datasheet HTML 11Page - NXP Semiconductors ISP1160BM/01 Datasheet HTML 12Page - NXP Semiconductors ISP1160BM/01 Datasheet HTML 13Page - NXP Semiconductors ISP1160BM/01 Datasheet HTML 14Page - NXP Semiconductors ISP1160BM/01 Datasheet HTML 15Page - NXP Semiconductors ISP1160BM/01 Datasheet HTML 16Page - NXP Semiconductors ISP1160BM/01 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
Philips Semiconductors
ISP1160
Embedded USB Host Controller
Product data
Rev. 04 — 04 July 2003
13 of 88
9397 750 11371
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
In Figure 10 and Figure 11, the DMA transfer is configured such that DREQ is active
HIGH and DACK_N is active LOW.
8.6 Interrupts
The ISP1160 has an interrupt request pin INT.
8.6.1
Pin configuration
The interrupt output signals have four configuration modes:
Mode 0
Mode 0 level trigger, active LOW
Mode 1
Mode 1 level trigger, active HIGH
Mode 2
Mode 2 edge trigger, active LOW
Mode 3
Mode 3 edge trigger, active HIGH.
N
= 1/2 byte count of transfer data.
Fig 10. DMA transfer in single-cycle mode.
004aaa368
DREQ
DACK_N
D[15:0]
EOT
data #1
data #2
data #N
RD_N or
WR_N
N
= 1/2 byte count of transfer data, K = number of cycles/burst.
Fig 11. DMA transfer in burst mode.
004aaa369
data #1
data #K
data #2K
data #N
data #(K
+1)
data #(N
−K+1)
DREQ
DACK_N
D[15:0]
EOT
RD_N or
WR_N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com