Electronic Components Datasheet Search
  English  ▼

X  

LM4782 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4782
Description  3 Channel 25W Audio Power Amplifier with Mute and Standby
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4782 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button LM4782 Datasheet HTML 18Page - National Semiconductor (TI) LM4782 Datasheet HTML 19Page - National Semiconductor (TI) LM4782 Datasheet HTML 20Page - National Semiconductor (TI) LM4782 Datasheet HTML 21Page - National Semiconductor (TI) LM4782 Datasheet HTML 22Page - National Semiconductor (TI) LM4782 Datasheet HTML 23Page - National Semiconductor (TI) LM4782 Datasheet HTML 24Page - National Semiconductor (TI) LM4782 Datasheet HTML 25Page - National Semiconductor (TI) LM4782 Datasheet HTML 26Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
Application Information (Continued)
Bill Of Materials For Reference PCB
Symbol
Value
Tolerance
Type/Description
Comment
R
IN1,RIN2,RIN3
33k
Ω
5%
1/4 Watt
R
B1,RB2,RB3
1k
Ω
1%
1/4 Watt
R
F1,RF2,RF3
20k
Ω
1%
1/4 Watt
R
i1,Ri2,Ri3
1k
Ω
1%
1/4 Watt
R
SN1,RSN2,RSN3
4.7
Ω
5%
1/4 Watt
R
G
2.7
Ω
5%
1/4 Watt
R
V
5.1k
Ω
5%
1/4 Watt
C
IN1,CIN2,CIN3
1µF
10%
Metallized Polyester Film
C
N1,CN2,CN3
15pF
20%
Monolithic Ceramic
C
i1,Ci2,Ci3
68µF
20%
Electrolytic Radial / 35V
C
SN1,CSN2,CSN3
0.1µF
20%
Monolithic Ceramic
C
V
0.1µF
20%
Monolithic Ceramic
C
S1,CS2
0.1µF
20%
Monolithic Ceramic
C
S3,CS4
10µF
20%
Electrolytic Radial /35V
C
S5,CS6
2,200µF
20%
Electrolytic Radial / 35V
S
1,S2
SPDT (on-on) Switch
J
1,J2,J3
Non-Switched PC Mount RCA
Jack
J
5,J7,J9,J11
PCB Banana Jack - BLACK
J
4,J6,J8,J10,J12
PCB Banana Jack - RED
V
ZD
5.1V
1W Zener Diode
U
1
27 lead TO-220 Power Socket
with push release lever or
LM4782 IC
www.national.com
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com