Electronic Components Datasheet Search
  English  ▼

X  

M08A Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # M08A
Description  3W Audio Power Amplifier with Shutdown Mode
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

M08A Datasheet(HTML) 3 Page - National Semiconductor (TI)

  M08A Datasheet HTML 1Page - National Semiconductor (TI) M08A Datasheet HTML 2Page - National Semiconductor (TI) M08A Datasheet HTML 3Page - National Semiconductor (TI) M08A Datasheet HTML 4Page - National Semiconductor (TI) M08A Datasheet HTML 5Page - National Semiconductor (TI) M08A Datasheet HTML 6Page - National Semiconductor (TI) M08A Datasheet HTML 7Page - National Semiconductor (TI) M08A Datasheet HTML 8Page - National Semiconductor (TI) M08A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Supply Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD to +0.3V
Power Dissipation (Note 4)
Internally Limited
ESD Susceptibility (Note 5)
2000V
ESD Susceptibility (Note 6)
200V
Junction Temperature
150˚C
Thermal Resistance
θ
JC (LD) (Note 9)
4.3˚C/W
θ
JA (LD)
56˚C/W
θ
JC (MA)
35˚C/W
θ
JA (MA)
140˚C/W
Operating Ratings
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−40˚C
≤ T
A
≤ +85˚C
Supply Voltage
2.2V
≤ V
DD
≤ 5.5V
Electrical Characteristics V
DD =5V (Notes 2, 3)
The following specifications apply for V
DD = 5V and RL =8
Ω unless otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4991
Typical
(Note 7)
Limit
(Note 8)
Units
(Limits)
I
DD
Quiescent Power Supply
Current
V
IN = 0V, no Load
3
7
mA (max)
V
IN = 0V, RL =8
Ω
410
I
SD
Shutdown Current
V
SHUTDOWN =VDD
0.1
2.0
µA (max)
V
SDIH
Shutdown Voltage
1.5
V
V
SDIL
1.3
V
V
OS
Output Offset Voltage
5
35
mV (max)
P
o
Output Power
THD = 1% (max), f = 1kHz
LM4991LD, R
L =3
Ω (Note 10)
LM4991LD, R
L =4
Ω (Note 10)
LM4991, R
L =8
Ω
2.38
2.1
1.3
0.9
W (min)
THD+N = 10%, f = 1kHz
LM4991LD, R
L =3
Ω (Note 10)
LM4991LD, R
L =4
Ω (Note 10)
LM4991, R
L =8
Ω
3
2.5
1.5
W
THD+N
Total Harmonic
Distortion+Noise
P
O = 0.5W, f = 1kHz
0.2
%
PSRR
Power Supply Rejection
Ratio
V
RIPPLE = 200mV sine p-p,
Input terminated with 10
Ω,
f = 1kHz
64
55
dB (min)
Electrical Characteristics V
DD =3V (Notes 2, 3)
The following specifications apply for V
DD = 3V and RL =8
Ω unless otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4991
Typical
(Note 7)
Limit
(Note 8)
Units
(Limits)
I
DD
Quiescent Power Supply
Current
V
IN = 0V, no Load
3
7
mA (max)
V
IN = 0V, RL =8
Ω
47
I
SD
Shutdown Current
V
SHUTDOWN =VDD
0.1
2.0
µA (max)
V
SDIH
Shutdown Voltage Input High
1.1
V
V
SDIL
Shutdown Voltage Input Low
0.9
V
V
OS
Output Offset Voltage
5
35
mV (max)
P
o
Output Power
THD = 1% (max), f = 1kHz
R
L =4
Ω
R
L =8
Ω
600
425
mW
THD+N
Total Harmonic
Distortion+Noise
P
O = 0.25W, f = 1kHz
0.1
%
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com