Electronic Components Datasheet Search
  English  ▼

X  

M08A Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # M08A
Description  3W Audio Power Amplifier with Shutdown Mode
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

M08A Datasheet(HTML) 5 Page - National Semiconductor (TI)

  M08A Datasheet HTML 1Page - National Semiconductor (TI) M08A Datasheet HTML 2Page - National Semiconductor (TI) M08A Datasheet HTML 3Page - National Semiconductor (TI) M08A Datasheet HTML 4Page - National Semiconductor (TI) M08A Datasheet HTML 5Page - National Semiconductor (TI) M08A Datasheet HTML 6Page - National Semiconductor (TI) M08A Datasheet HTML 7Page - National Semiconductor (TI) M08A Datasheet HTML 8Page - National Semiconductor (TI) M08A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
External Components Description
(Figure 1)
Components
Functional Description
1.
R
i
Inverting input resistance that sets the closed-loop gain in conjunction with R
f. This resistor also forms a high
pass filter with C
i at fC= 1/(2
π R
iCi).
2.
C
i
Input coupling capacitor that blocks the DC voltage at the amplifiers input terminals. Also creates a highpass
filter with R
i at fc = 1/(2
π R
iCi). Refer to the section, Proper Selection of External Components, for an
explanation of how to determine the value of C
i.
3.
R
f
Feedback resistance that sets the closed-loop gain in conjunction with R
i.
4.
C
S
Supply bypass capacitor that provides power supply filtering. Refer to the Power Supply Bypassing section
for information concerning proper placement and selection of the supply bypass capacitor.
5.
C
B
Bypass pin capacitor that provides half-supply filtering. Refer to the section, Proper Selection of External
Components, for information concerning proper placement and selection of C
B.
Typical Performance Characteristics
LD and MH Specific Characteristics
THD+N vs Frequency
V
DD = 5V, RL =4
Ω, and P
O =1W
THD+N vs Output Power
V
DD = 5V, RL =4
Ω,andf=1kHz
20074041
20074042
Typical Performance Characteristics
THD+N vs Frequency
V
DD = 5V, RL =8
Ω, and P
O = 500mW
THD+N vs Frequency
V
DD = 3V, RL =4
Ω, and P
O = 500mW
20074043
20074044
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com