Electronic Components Datasheet Search
  English  ▼

X  

LTC3206 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3206
Description  I2C Multidisplay LED Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3206 Datasheet(HTML) 5 Page - Linear Technology

  LTC3206 Datasheet HTML 1Page - Linear Technology LTC3206 Datasheet HTML 2Page - Linear Technology LTC3206 Datasheet HTML 3Page - Linear Technology LTC3206 Datasheet HTML 4Page - Linear Technology LTC3206 Datasheet HTML 5Page - Linear Technology LTC3206 Datasheet HTML 6Page - Linear Technology LTC3206 Datasheet HTML 7Page - Linear Technology LTC3206 Datasheet HTML 8Page - Linear Technology LTC3206 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC3206
5
3206f
SUB1, SUB2 (Pins 1, 2): Current Source Outputs for the
SUB Display White LEDs. The current for the SUB display
is controlled by the resistor on the IMS pin.The LEDs on the
SUB display can be set to exponentially increasing bright-
ness levels from 0.78% to 100% of full-scale. See Table 1.
C1+, C1–, C2+, C2– (Pins 5, 4, 6, 3): Charge Pump Flying
Capacitor Pins. A 2.2µF X7R or X5R ceramic capacitor
should be connected from C1+ to C1– and another from
C2+ to C2–.
DVCC (Pin 7): This pin sets the logic reference level of the
SDA, SCL and ENRGB/S pins.
SDA (Pin 8): Input Data for the I2C Serial Port. Serial data
is shifted in one bit per clock to control the LTC3206 (see
Figures 3 and 4). The logic level for SDA is referenced to
DVCC.
SCL (Pin 9): Clock Input for the I2C Serial Port (see Figures
3 and 4). The logic level for SCL is referenced to DVCC.
ENRGB/S (Pin 10): This pin is used to enable and disable
either the RED, GREEN and BLUE current sources or the
SUB display depending on which is programmed to re-
spond via the I2C port. Once ENRGB/S is brought high, the
LTC3206 illuminates the RGB or SUB display with the
color combination or intensity that was previously pro-
grammed via the I2C port. The logic level for ENRGB/S is
referenced to DVCC.
IMS (Pin 11): This pin controls the maximum amount of
LED current in both the MAIN and SUB LED displays. The
IMS pin servos to 0.6V when there is a resistor to ground.
The full scale (100%) currents in the MAIN and SUB
display LEDs will be 400 times the current at the IMS pin.
IRGB (Pin 12): This pin controls the amount of LED current
at the RED, GREEN and BLUE LED pins. The IRGB pin
servos to 0.6V when there is a resistor to ground. The
current in the RED, GREEN and BLUE LEDs will be 400
times the current at the IRGB pin when programmed to full
scale.
SGND (Pin 13): Ground for the control logic. This pin
should be connected directly to a low impedance ground
plane.
PI FU CTIO S
CPO (Pin 14): Output of the Charge Pump. This output
should be used to power white, blue and “true” green
LEDs. Red LEDs can be powered from VIN or CPO. An X5R
or X7R low impedance (ceramic) 2.2µF charge storage
capacitor is required on CPO.
VIN (Pin 15): Supply Voltage for the Charge Pump. The VIN
pin should be connected directly to the battery and by-
passed with a 2.2µF X5R or X7R ceramic capacitor.
RED, GREEN, BLUE (Pins 16, 17, 18): Current Source
Outputs for the RGB Illuminator LEDs. The currents for the
RGB LEDs are controlled by the resistor on the IRGB pin.
The RGB LEDs can independently be set to any duty cycle
from 0/15 through 15/15 under software control giving a
total of 16 shades per LED and 4096 colors for the
illuminator. See Table 1. The RGB LEDs are modulated at
1/240 the speed of the charge pump oscillator (approxi-
mately 4kHz).
MAIN1-MAIN4 (Pins 22, 21, 20, 19): Current Source
Outputs for the Main Display White LEDs. The current for
the main display is controlled by the resistor on the IMS
pin. The LEDs on the MAIN display can be set to 16
exponentially increasing brightness steps from 0.78% to
100% of full scale. See Table 1.
AUX1, AUX2 (Pins 23, 24): Current source outputs for the
auxiliary white LEDs. The auxiliary current sources can be
individually assigned to be either MAIN display or SUB
display LEDs via the I2C serial port. When either AUX1 and/
or AUX2 are assigned to the MAIN display they will have
the same power setting as the other MAIN LEDs. Likewise,
when either AUX1 and/or AUX2 are assigned to the SUB
display they will have the same power setting as the other
SUB LEDs. The currents for the AUX1 and AUX2 pins are
controlled by the resistor on the IMS pin.
PGND (Pin 25, Exposed Pad): Power Ground for the
Charge Pump. This pin should be connected directly to a
low impedance ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com