Electronic Components Datasheet Search
  English  ▼

X  

LTC3206 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3206
Description  I2C Multidisplay LED Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3206 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3206 Datasheet HTML 3Page - Linear Technology LTC3206 Datasheet HTML 4Page - Linear Technology LTC3206 Datasheet HTML 5Page - Linear Technology LTC3206 Datasheet HTML 6Page - Linear Technology LTC3206 Datasheet HTML 7Page - Linear Technology LTC3206 Datasheet HTML 8Page - Linear Technology LTC3206 Datasheet HTML 9Page - Linear Technology LTC3206 Datasheet HTML 10Page - Linear Technology LTC3206 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC3206
7
3206f
Typical values of ROL as a function of temperature are
shown in Figure 2.
Figure 1. Equivalent Open-Loop Circuit
Figure 2. Typical ROL vs Temperature
+
–
ROL
CPO
3206 F01
1.5VIN
+
–
TEMPERATURE (°C)
–40
1.50
1.75
2.00
2.25
2.50
–15
10
35
60
3206 F02
85
VIN = 3V
VCPO = 4.2V
CIN = CCPO = CFLY1 = CFLY2 = 1.6µF
OPERATIO
The 1.5x step-up charge pump uses a patented constant
frequency architecture to combine the best efficiency with
the maximum available power at the lowest noise level.
The charge pump of the LTC3206 can be forced to come
on even if no LEDs are programmed for current. Setting bit
A3 in the I2C serial port forces the charge pump on (see
Figure 3).
Soft-Start
To prevent excessive inrush current and supply droop
when switching into step-up mode, the LTC3206 employs
a soft-start feature on its charge pump. The current
available to the CPO pin is increased linearly over a period
of about 400µs.
Charge Pump Strength
When the LTC3206 operates in 1.5x boost mode, the
charge pump can be modeled as a Thevenin-equivalent
circuit to determine the amount of current available from
the effective input voltage, 1.5VIN and the effective open-
loop output resistance, ROL (Figure 1).
ROL is dependent on a number of factors including the
switching term, 1/(2fOSC • CFLY), internal switch resis-
tances and the non-overlap period of the switching circuit.
However, for a given ROL, the amount of current available
will be directly proportional to the advantage voltage 1.5VIN
– VCPO. Consider the example of driving white LEDs from
a 3.1V supply. If the LED forward voltage is 3.8V and the
current sources require 100mV, the advantage voltage is
3.1V • 1.5 – 3.8V – 0.1V or 750mV. Notice that if the input
voltage is raised to 3.2V, the advantage voltage jumps to
900mV—a 20% improvement in available strength.
From Figure 1, the available current is given by:
I
VV
R
OUT
IN
CPO
OL
=
15
.–
I2C Interface
The LTC3206 communicates with a host (master) using
the standard I2C 2-wire interface. The Timing Diagram
(Figure 4) shows the timing relationship of the signals on
the bus. The two bus lines, SDA and SCL, must be high
when the bus is not in use. External pull-up resistors or
current sources, such as the LTC1694 SMBus accelerator,
are required on these lines. The LTC3206 is a receive-only
(slave) device.
Bus Speed
The I2C port is designed to be operated at speeds of up to
400kHz. It has built-in timing delays to ensure correct
operation when addressed from an I2C compliant master
device. It also contains input filters designed to suppress
glitches should the bus become corrupted.
START and STOP Conditions
A bus-master signals the beginning of a communication to
a slave device by transmitting a START condition. A
START condition is generated by transitioning SDA from
high to low while SCL is high. When the master has
finished communicating with the slave, it issues a STOP
condition by transitioning SDA from low to high while SCL
is high. The bus is then free for communication with
another I2C device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com