Electronic Components Datasheet Search
  English  ▼

X  

LTC4412 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4412
Description  Low Loss PowerPathTM Controller in ThinSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4412 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4412 Datasheet HTML 4Page - Linear Technology LTC4412 Datasheet HTML 5Page - Linear Technology LTC4412 Datasheet HTML 6Page - Linear Technology LTC4412 Datasheet HTML 7Page - Linear Technology LTC4412 Datasheet HTML 8Page - Linear Technology LTC4412 Datasheet HTML 9Page - Linear Technology LTC4412 Datasheet HTML 10Page - Linear Technology LTC4412 Datasheet HTML 11Page - Linear Technology LTC4412 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC4412
4412f
VIN and SENSE Pin Usage
Since the analog controller’s thresholds are small (
±20mV),
the VIN and SENSE pin connections should be made in a
way to avoid unwanted I • R drops in the power path. Both
pins are protected from negative voltages.
GATE Pin Usage
The GATE pin controls the external P-channel MOSFET
connected between the VIN and SENSE pins when the load
current is supplied by the power source at VIN. In this
mode of operation, the internal current source, which is
responsible for pulling the GATE pin up, is limited to a few
microamps (IG(SRC)). If external opposing leakage cur-
rents exceed this, the GATE pin voltage will reach the
clamp voltage (VGON) and VDS will be smaller. The internal
current sink, which is responsible for pulling the GATE pin
down, has a higher current capability (IG(SNK)). With an
auxiliary supply input pulling up on the SENSE pin and
exceeding the VIN pin voltage by 20mV (VRTO), the device
enters the reverse turn-off mode and a much stronger
current source is available to oppose external leakage
currents and turn off the MOSFET (VGOFF).
While in forward regulation, if the on resistance of the
MOSFET is too high to maintain forward regulation, the
GATE pin will maximize the MOSFET’s VGS to that of the
clamp voltage (VGON). The clamping action takes place
between the higher of VIN or VSENSE and the GATE pin.
Status Pin Usage
During normal operation, the open-drain STAT pin can be
biased at any voltage between ground and 28V regardless
of the supply voltage to the LTC4412. It is usually con-
nected to a resistor whose other end connects to a voltage
source. In the forward regulation mode, the STAT pin will
be open (IS(OFF)). When a wall adaptor input or other
auxiliary supply is connected to that input, and the voltage
on SENSE is higher than VIN + 20mV (VRTO), the system is
in the reverse turn-off mode. During this mode of opera-
tion the STAT pin will sink 10
µA of current (IS(SNK)). This
will result in a voltage change across the resistor, depend-
ing on the resistance, which is useful to turn on an auxiliary
P-channel MOSFET or signal to a microcontroller that an
auxiliary power source is connected. External leakage
currents, if significant, should be accounted for when
determining the voltage across the resistor when the STAT
pin is either on or off.
Control Pin Usage
This is a digital control input pin with low threshold
voltages (VIL,VIH) for use with logic powered from as little
as 1V. During normal operation, the CTL pin can be biased
at any voltage between ground and 28V, regardless of the
supply voltage to the LTC4412. A logical high input on this
pin forces the gate to source voltage of the primary
P-channel MOSFET power switch to a small voltage (VGOFF).
This will turn the MOSFET off and no current will flow from
the primary power input at VIN if the MOSFET is configured
so that the drain to source diode is not forward biased. The
high input also forces the STAT pin to sink 10
µA of current
(IS(SNK)). See the Typical Applications for various ex-
amples on using the STAT pin. A 3.5
µA internal pull-down
current (ICTL) on the CTL pin will insure a logical low level
input if the pin should be open.
Protection
Most of the application circuits shown provide some
protection against supply faults such as shorted, low or
reversed supply inputs. The fault protection does not
protect shorted supplies but can isolate other supplies and
the load from faults. A necessary condition of this protec-
tion is for all components to have sufficient breakdown
voltages. In some cases, if protection of the auxiliary input
(sometimes referred to as the wall adapter input) is not
required, then the series diode or MOSFET may be elimi-
nated.
Internal protection for the LTC4412 is provided to prevent
damaging pin currents and excessive internal self heating
during a fault condition. These fault conditions can be a
result of any LTC4412 pins shorted to ground or to a power
source that is within the pin’s absolute maximum voltage
limits. Both the VIN and SENSE pins are capable of being
taken significantly below ground without current drain or
damage to the IC (see Absolute Maximum Voltage Limits).
This feature allows for reverse-battery condition without
current drain or damage. This internal protection is not
designed to prevent overcurrent or overheating of external
components.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com