Electronic Components Datasheet Search
  English  ▼

X  

LTC4412 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4412
Description  Low Loss PowerPathTM Controller in ThinSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4412 Datasheet(HTML) 1 Page - Linear Technology

  LTC4412 Datasheet HTML 1Page - Linear Technology LTC4412 Datasheet HTML 2Page - Linear Technology LTC4412 Datasheet HTML 3Page - Linear Technology LTC4412 Datasheet HTML 4Page - Linear Technology LTC4412 Datasheet HTML 5Page - Linear Technology LTC4412 Datasheet HTML 6Page - Linear Technology LTC4412 Datasheet HTML 7Page - Linear Technology LTC4412 Datasheet HTML 8Page - Linear Technology LTC4412 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC4412
4412f
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
Low Loss PowerPath
TM
Controller in ThinSOT
s
Very Low Loss Replacement for Power Supply
OR’ing Diodes
s
Minimal External Components
s
Automatic Switching Between DC Sources
s
Simplifies Load Sharing with Multiple Batteries
s
Low Quiescent Current: 11
µA
s
3V to 28V AC/DC Adapter Voltage Range
s
2.5V to 28V Battery Voltage Range
s
Reverse Battery Protection
s
Drives Almost Any Size MOSFET for Wide Range of
Current Requirements
s
MOSFET Gate Protection Clamp
s
Manual Control Input
s
Low Profile (1mm) ThinSOT
TM Package
s
Cellular Phones
s
Notebook and Handheld Computers
s
Digital Cameras
s
USB-Powered Peripherals
s
Uninterruptable Power Supplies
s
Logic Controlled Power Switch
The LTC
®4412 controls an external P-channel MOSFET to
create a near ideal diode function for power switchover or
load sharing. This permits highly efficient OR’ing of mul-
tiple power sources for extended battery life and low self-
heating. When conducting, the voltage drop across the
MOSFET is typically 20mV. For applications with a wall
adapter or other auxiliary power source, the load is auto-
matically disconnected from the battery when the auxiliary
source is connected. Two or more LTC4412s may be
interconnected to allow load sharing between multiple
batteries or charging of multiple batteries from a single
charger.
The wide supply operating range supports operation from
one to six Li-Ion cells in series. The low quiescent current
(11
µA typical) is independent of the load current. The gate
driver includes an internal voltage clamp for MOSFET
protection.
The STAT pin can be used to enable an auxiliary P-channel
MOSFET power switch when an auxiliary supply is
detected. This pin may also be used to indicate to a
microcontroller that an auxiliary supply is connected. The
control (CTL) input enables the user to force the primary
MOSFET off and the STAT pin low.
The LTC4412 is available in a low profile (1mm) ThinSOT
package.
, LTC and LT are registered trademarks of Linear Technology Corporation.
PowerPath and ThinSOT are trademarks of Linear Technology Corporation.
VIN
GND
CTL
SENSE
GATE
STAT
1
2
3
6
5
4
LTC4412
COUT
TO LOAD
STATUS OUTPUT
LOW WHEN WALL
ADAPTER PRESENT
470k
4412 F01
VCC
1N5819
FDN306P
BATTERY
CELL(S)
WALL
ADAPTER
INPUT
Figure 1. Automatic Switchover of Load Between a Battery and a Wall Adapter
FORWARD VOLTAGE (V)
0.02
0
1
CONSTANT
RON
4412 F01b
0.5
CONSTANT
VOLTAGE
SCHOTTKY
DIODE
LTC4412
LTC4412 vs Schottky Diode
Forward Voltage Drop


Similar Part No. - LTC4412

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4412 LINEAR-LTC4412 Datasheet
195Kb / 18P
Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4412 LINER-LTC4412 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4412 LINER-LTC4412 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4412 LINER-LTC4412 Datasheet
290Kb / 24P
USB Power Manager with Ideal Diode Controller and Li-Ion Charger
logo
Linear Integrated Syste...
LTC4412 LINEAR-LTC4412 Datasheet
739Kb / 20P
18V Dual Input Micropower PowerPath Prioritizer
More results

Similar Description - LTC4412

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4411 LINER-LTC4411 Datasheet
212Kb / 8P
2.6A Low Loss Ideal Diode in ThinSOT
LTC3803-5 LINER-LTC3803-5 Datasheet
181Kb / 12P
Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC4414 LINER-LTC4414 Datasheet
166Kb / 12P
36V, Low Loss PowerPathTM Controller for Large PFETs
LTC4412HV LINER-LTC4412HV Datasheet
177Kb / 12P
36V, Low Loss PowerPathTM Controller in ThinSOT
LTC2952 LINER-LTC2952 Datasheet
333Kb / 28P
Push Button PowerPathTM Controller with Supervisor
LTC2952 LINER-LTC2952_1 Datasheet
313Kb / 30P
Pushbutton PowerPathTM Controller with Supervisor
LTC4411 LINER-LTC4411_15 Datasheet
157Kb / 8P
2.6A Low Loss Ideal Diode in ThinSOT
LTC4412HV LINER-LTC4412HV_15 Datasheet
182Kb / 12P
36V, Low Loss PowerPath Controller in ThinSOT
LTC4412 LINER-LTC4412_15 Datasheet
405Kb / 14P
Low Loss PowerPath Controller in ThinSOT
LT1964 LINER-LT1964 Datasheet
193Kb / 12P
Low Dropout Negative Micropower Regulator in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com