Electronic Components Datasheet Search
  English  ▼

X  

TT100-SD Datasheet(PDF) 4 Page - LEM

Part # TT100-SD
Description  AC Current transformer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

TT100-SD Datasheet(HTML) 4 Page - LEM

  TT100-SD Datasheet HTML 1Page - LEM TT100-SD Datasheet HTML 2Page - LEM TT100-SD Datasheet HTML 3Page - LEM TT100-SD Datasheet HTML 4Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
071115/5
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Page 4/4
Electrical output characteristics
TT100-SD accuracy and phase shift (50Hz)
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
10
20
30
40
50
60
70
80
90
100 110 120 130 140 150 160 170 180 190 200 210 220 230 240
Primary Current Ip (A)
Accuracy (%)
Phase shift (degree)
Parameter: Load Resistance RL [Ohm]
100ohm
50ohm
25ohm
15ohm
15ohm
25ohm
50ohm
100ohm
(Phase shift: +1.5 +/-1 degree Typ.)
(Accuracy: +/-1% Typ.)
TT100-SD accuracy and phase shift (60Hz)
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
10
20
30
40
50
60
70
80
90
100 110
120 130 140 150 160 170 180 190 200 210 220 230 240
Primary Current Ip (A)
Accuracy (%)
Phase shift (degree)
Parameter: Load Resistance RL [Ohm]
(Accuracy: +/-1% Typ.)
(Phase shift: +1.5 +/-1 degree Typ.)
100ohm
50ohm
25ohm
15ohm
15ohm
25ohm
50ohm
100ohm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com