Electronic Components Datasheet Search
  English  ▼

X  

TT100-SD Datasheet(PDF) 1 Page - LEM

Part # TT100-SD
Description  AC Current transformer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

TT100-SD Datasheet(HTML) 1 Page - LEM

  TT100-SD Datasheet HTML 1Page - LEM TT100-SD Datasheet HTML 2Page - LEM TT100-SD Datasheet HTML 3Page - LEM TT100-SD Datasheet HTML 4Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Electrical data
I
PN
Primary nominal current rms
100
At
I
OUT
Output current
33.33
mA
V
SZ
Output clamping voltage
7.5
V
Î
P
Overload capability - continuous
300
A
- 1 min
4000
A
Performance data
X
G
Overall accuracy @ I
PN , TA = 25°C
< ± 1
%
ε
L
Linearity error
0.1
%
TCI
OUT
Temperature coefficient of I
OUT
60
ppm/K
∆ϕ
Phase shift
1.5° ± 1°
BW
Frequency bandwidth (± 1dB)
50/60
Hz
General data
T
A
Ambient operating temperature
- 25 .. + 70 °C
T
S
Ambient storage temperature
- 30 .. + 90 °C
m
Mass
100
g
IPxx
Protection degree
IP40
Isolation characteristics
V
b
Rated isolation voltage rms1)
300
V
with IEC 61010-1 standards and following conditions :
- Reinforced isolation
- Over voltage category CAT III
- Pollution degree PD2
- Heterogeneous field
V
d
Rms voltage for AC isolation test 2), 50Hz, 1min
3.5
kV
V
w
Impulse withstand voltage 1.2/50
µs
6.5
kV
dCp
Creepage distance
6
mm
dCl
Clearance distance
6
mm
CTI
Comparative tracking index (Group I)
600
Notes : 1) If insulated cable is used for the primary circuit, the voltage category
could be improved according to the primary cable insulation category
(please refer to the cable manufacturer's indications)
2)
between primary (completely filling the hole) and secondary.
AC Current transformer TT 100-SD
Split core transducer for the electronic measurement of AC waveform
currents, with galvanic isolation between the primary circuit (power) and
the secondary circuit (measurement).
I
PN = 100 A
Features
• Split core type
• Ø 16 mm sensing aperture for non-
contact measurement
• Cable output (1m)
• Isolated plastic case recognized
according to UL 94-V0.
Advantages
• High accuracy and low phase shift
• High isolation between primary and
secondary circuits
• Compact case
• Cost-effective solution
• Easy installation.
Applications
• Power meters
Current measurement for active
power calculation
• Energy sub-meters
For energy efficiency monitoring,
consumption analysis and costs
allocation
• Power quality monitoring
• Condition monitoring
(e.g. motor loads such as
conveyers, pumps or HVAC)
• Distributed measurement systems
Application domain
• Energy and Automation
071115/5
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Page 1/4


Similar Part No. - TT100-SD

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
TT100OUTSM HELLERMANNTYTON-TT100OUTSM Datasheet
271Kb / 3P
Clean Start Thermal Transfer Ribbon, Soft Resin, 4.33 x 242, 0.5 Core, PET, Black, 1/pkg
2022
More results

Similar Description - TT100-SD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A82-10 ETC2-A82-10 Datasheet
61Kb / 3P
Monitoring Relays AC Current Transformer
E82-2050 ETC2-E82-2050 Datasheet
55Kb / 2P
Monitoring Relays AC Current Transformer
logo
LEM
TT50-SD LEM-TT50-SD Datasheet
1Mb / 4P
AC Current transformer
logo
Carlo Gavazzi Holding A...
CTD4X CARLOGAVAZZI-CTD4X Datasheet
364Kb / 2P
Accessories AC Current Transformer
CTD3Z CARLOGAVAZZI-CTD3Z Datasheet
175Kb / 2P
Accessories AC Current Transformer
CTD3X CARLOGAVAZZI-CTD3X Datasheet
555Kb / 2P
Accessories AC Current Transformer
CTD2Z CARLOGAVAZZI-CTD2Z Datasheet
153Kb / 2P
Accessories AC Current Transformer
CTD2X CARLOGAVAZZI-CTD2X Datasheet
310Kb / 2P
Accessories AC Current Transformer
CTD1Z CARLOGAVAZZI-CTD1Z Datasheet
202Kb / 2P
Accessories AC Current Transformer
CTD-1X CARLOGAVAZZI-CTD-1X Datasheet
304Kb / 2P
Accessorie AC Current Transformer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com