Electronic Components Datasheet Search
  English  ▼

X  

RR100 Datasheet(PDF) 3 Page - Coto Technology

Part # RR100
Description  REDROCK MEMS-BASED REED SENSOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

RR100 Datasheet(HTML) 3 Page - Coto Technology

  RR100 Datasheet HTML 1Page - Coto Technology RR100 Datasheet HTML 2Page - Coto Technology RR100 Datasheet HTML 3Page - Coto Technology RR100 Datasheet HTML 4Page - Coto Technology RR100 Datasheet HTML 5Page - Coto Technology RR100 Datasheet HTML 6Page - Coto Technology RR100 Datasheet HTML 7Page - Coto Technology RR100 Datasheet HTML 8Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
COTO TECHNOLOGY | tel: (401) 943.2686 | cotorelay.com
3
REDROCK™
RR100
Parameters
Units
Min
Typ
Max
OPERATING CHARACTERISTICS
Operate Sensitivity1 - K
J
mT
12
20
Operate Time (including bounce)
μs
500
Release Time
μs
500
ELECTRICAL CHARACTERISTICS
Switched Voltage
VDC
6
Switched Current
mA DC
1
Breakdown Voltage
VDC
50
Contact Resistance (Initial)
W
10
Contact Capacitance
pF
0.2
Insulation Resistance (Min.)
W
1012
LIFE EXPECTANCY
1.2VDC, 1mA switching load2
Operations
107
ENVIRONMENTAL RATINGS
Storage Temperature
ºC
-55 to +150
Operating Temperature
ºC
-40 to +85
Vibration Resistance - Functional3
G
100
Shock Resistance - Functional4
G
750
Shear Force5
gm
400
Notes:
1
Individual switches may vary in magnetic closure sensitivity by ± 4 mT (Model K) or ± 7 mT (Model J) from the typical value.
If your application requires a different sensitivity range, please contact Coto at redrock@cotorelay.com.
2
Life expectancy defined as mean cycles before failure with end of life defined as contact resistance >1000 W.
3
Functional Vibration Resistance is defined as the mechanical-only force (in G, 110 Hz - 3 kHz), that a switch can withstand without causing a
contact closure.
4
Functional Shock Resistance is defined as the mechanical-only force (in G), that a switch can withstand without causing a contact closure.
5
Shear Force is the mechanical force (applied to the top half, in a plane parallel to the PCB) that a switch can withstand without causing damage
to the switch.
REDROCK™ MEMS-BASED REED SENSOR
For all inquiries,
please contact redrock@cotorelay.com
rev. 03202015



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com