Electronic Components Datasheet Search
  English  ▼

X  

RR100 Datasheet(PDF) 5 Page - Coto Technology

Part # RR100
Description  REDROCK MEMS-BASED REED SENSOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

RR100 Datasheet(HTML) 5 Page - Coto Technology

  RR100 Datasheet HTML 1Page - Coto Technology RR100 Datasheet HTML 2Page - Coto Technology RR100 Datasheet HTML 3Page - Coto Technology RR100 Datasheet HTML 4Page - Coto Technology RR100 Datasheet HTML 5Page - Coto Technology RR100 Datasheet HTML 6Page - Coto Technology RR100 Datasheet HTML 7Page - Coto Technology RR100 Datasheet HTML 8Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
COTO TECHNOLOGY | tel: (401) 943.2686 | cotorelay.com
5
REDROCK™ TECHNICAL & APPLICATIONS INFORMATION
rev. 02122015
SAMPLE APPLICATIONS CIRCUITS
GENERAL APPLICATIONS NOTES
AND INFORMATION
1. Conversion to Single Pole Single Throw Normally
Closed Operation
In some cases, it is desirable for the switch to open in the pres-
ence of a magnetic field rather than to close. This functionality
can be achieved with the circuit shown below, which incorporates
a P-channel enhancement-mode MOSFET. R2 can be selected
in the range of 100 Megohms to several thousand Megohms
depending on the characteristics of the MOSFET. When the
RedRock switch is open, the gate is negative biased relative to the
source, allowing battery current to flow to the load. Conversely,
when the switch is closed, the MOSFET turns off. Note that
a small quiescent current drained from the battery through R2
while the switch is closed. Bear this in mind when selecting the
battery type and value of R2.
1. Choosing magnets
The RR100 switch can be operated by any permanent magnet
that generates a magnetic field at the required operating distance
that is greater than the lower end of the switch’s nominal closure
sensitivity range. For example, a RR100-JWTR switch will close
when immersed in a field that exceeds 20 mT, when it is angled
towards the pole of the magnet at the angle shown in Figure 1.
This is the minimum required field; for optimum contact life, a
higher field is desirable, and there is no maximum field that will
damage the switch. Bear this in mind when designing a switch-
magnet system.
2. mT vs A/m, Gauss and Oe
Coto specifies switch closure sensitivity in mT (millitesla). One
mT is equivalent to exactly 10 Gauss or approximately 1.257 A/m
(Amps per meter). One Oe (Oersted) = 1 Gauss in air.
3. Magnetic overdrive
Magnetic overdrive is any excess magnetic field above the mini-
mum level needed to just close the switch. For example, if the
nominal closure field is 20 mT and the switch is immersed in a
field of 40 mT, 100% overdrive is being applied. Overdrive is
desirable, since higher forces are applied to the contacts, and the
contact resistance is reduced. There is no level of overdrive
2. Interfacing RedRock with Microcontrollers
Most low power microcontrollers, have one or more pins des-
ignated as interrupt or “wake-up” pins. Suitably programmed,
the microcontroller recognizes a positive or negative logic level
transition on the designated pin and changes from a sleep mode
where very little power is consumed to full operational mode.
The RR100 switch shown in Figure 7 is normally closed by a
magnet; when it opens, the wake-up pin goes low, waking up
the microcontroller. R2 should be chosen to be as large a value
as possible, but no higher than one-tenth the input impedance
of the wake-up pin. This will minimize the quiescent current
draw through R1 and R2 while the switch is closed. Consult the
microcontroller documentation for further details.
Fig. 6: Conversion to normally closed (N/C) functionality, using
P-channel, enhancement mode MOSFET.
Fig. 7: Typical method of interfacing an RR100 switch to a low-
power microcontroller. When RR100 switch opens, wake-up pin
goes logic low, bringing microcontroller out of sleep mode. R2
should be no greater than one-tenth of the microcontroller’s input
pin impedance.
RR100
switch
R1
LOAD
1 Meg
R2
Bat
PMOS
M1
microcontroller
wake-up pin
RR100
switch
R1
10K
R2
see note
Vcc



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com