Electronic Components Datasheet Search
  English  ▼

X  

NE570 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NE570
Description  Telephone trunk comandor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE570 Datasheet(HTML) 2 Page - NXP Semiconductors

  NE570 Datasheet HTML 1Page - NXP Semiconductors NE570 Datasheet HTML 2Page - NXP Semiconductors NE570 Datasheet HTML 3Page - NXP Semiconductors NE570 Datasheet HTML 4Page - NXP Semiconductors NE570 Datasheet HTML 5Page - NXP Semiconductors NE570 Datasheet HTML 6Page - NXP Semiconductors NE570 Datasheet HTML 7Page - NXP Semiconductors NE570 Datasheet HTML 8Page - NXP Semiconductors NE570 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product data
NE570
Compandor
2
2003 Apr 03
GENERAL DESCRIPTION
The NE570 is a versatile low cost dual gain control circuit in which
either channel may be used as a dynamic range compressor or
expandor. Each channel has a full-wave rectifier to detect the
average value of the signal, a linerarized temperature-compensated
variable gain cell, and an operational amplifier.
The NE570 is well suited for use in cellular radio and radio
communications systems, modems, telephone, and satellite
broadcast/receive audio systems.
FEATURES
• Complete compressor and expandor in one IC
• Temperature compensated
• Greater than 110 dB dynamic range
• Operates down to 6 V
DC
• System levels adjustable with external components
• Distortion may be trimmed out
APPLICATIONS
• Cellular radio
• Telephone trunk comandor
• High level limiter
• Low level expandor—noise gate
• Dynamic noise reduction systems
• Voltage-controlled amplifier
• Dynamic filters
PIN CONFIGURATION
RECT_CAP_1
RECT_IN_1
∆G_CELL_IN_1
GND
RECT_CAP_2
RECT_IN_2
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
RES_R3_1
OUTPUT_1
THD_TRIM_1
RES_R3_2
OUTPUT_2
THD_TRIM_2
TOP VIEW
SR02503
NE570D
INV_IN_1
INV_IN_2
∆G_CELL_IN_2
Figure 1. Pin configuration.
ORDERING INFORMATION
Type number
Package
Temperature range
Name
Description
Version
NE570D
SO16
plastic small outline package; 16 leads; body width 7.5 mm
SOT162-1
0
°C to +70 °C
BLOCK DIAGRAM
∆G CELL IN
RECT IN
VREF
1.8 V
THD TRIM
RECT CAP
R3
INVERTER IN
OUTPUT
+
–
SR02507
R2 20 k
Ω
R1 10 k
Ω
RECTIFIER
VARIABLE
GAIN
R4
30 k
Ω
R3
20 k
Ω
Figure 2. Block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com