Electronic Components Datasheet Search
  English  ▼

X  

NE570 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # NE570
Description  Telephone trunk comandor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE570 Datasheet(HTML) 3 Page - NXP Semiconductors

  NE570 Datasheet HTML 1Page - NXP Semiconductors NE570 Datasheet HTML 2Page - NXP Semiconductors NE570 Datasheet HTML 3Page - NXP Semiconductors NE570 Datasheet HTML 4Page - NXP Semiconductors NE570 Datasheet HTML 5Page - NXP Semiconductors NE570 Datasheet HTML 6Page - NXP Semiconductors NE570 Datasheet HTML 7Page - NXP Semiconductors NE570 Datasheet HTML 8Page - NXP Semiconductors NE570 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product data
NE570
Compandor
2003 Apr 03
3
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNITS
VCC
Maximum operating voltage
24
VDC
Tamb
Operating ambient temperature range
0 to +70
°C
PD
Power dissipation
400
mW
AC ELECTRICAL CHARACTERISTICS
VCC = +6 V, Tamb = 25 °C; unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply voltage
6
–
24
V
ICC
Supply current
No signal
–
3.2
4.8
mA
IOUT
Output current capability
±20
–
–
mA
SR
Output slew rate
–
±0.5
–
V/
µs
Gain cell distortion 2
Untrimmed
–
0.3
1.0
%
Trimmed
–
0.05
–
%
Resistor tolerance
–
±5
±15
%
Internal reference voltage
1.7
1.8
1.9
V
Output DC shift 3
Untrimmed
–
±20
±100
mV
Expandor output noise
No signal, 15 Hz to 20 kHz 1
–
20
45
µV
Unity gain level5
–1
0
+1
dBm
Gain change 2, 4
Tamb = 0 °C to +70 °C
–
±0.1
±0.2
dB
Reference drift 4
Tamb = 0 °C to +70 °C
–
±5
±10
mV
Resistor drift 4
Tamb = 0 °C to +70 °C
–
+1, –0
–
%
Tracking error (measured relative to value
Rectifier input
Tracking error (measured relative to value
at unity gain) equals [VO – VO (unity gain)]
dB
V dB
V2 = +6 dBm, V1 = 0 dB
–
±0.2
–
dB
dB – V2 dBm
V2 = -30dBm, V1 = 0dB
–
+0.2
–0.5, +1
dB
Channel separation
–
60
–
dB
NOTES:
1. Input to V1 and V2 grounded.
2. Measured at 0 dBm, 1 kHz.
3. Expandor AC input change from no signal to 0 dBm.
4. Relative to value at Tamb = 25 °C.
5. 0 dB = 775 mVRMS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com