Electronic Components Datasheet Search
  English  ▼

X  

BCM88335 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # BCM88335
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 for Automotive Applications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM88335 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button BCM88335 Datasheet HTML 9Page - Cypress Semiconductor BCM88335 Datasheet HTML 10Page - Cypress Semiconductor BCM88335 Datasheet HTML 11Page - Cypress Semiconductor BCM88335 Datasheet HTML 12Page - Cypress Semiconductor BCM88335 Datasheet HTML 13Page - Cypress Semiconductor BCM88335 Datasheet HTML 14Page - Cypress Semiconductor BCM88335 Datasheet HTML 15Page - Cypress Semiconductor BCM88335 Datasheet HTML 16Page - Cypress Semiconductor BCM88335 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 140 page
background image
List of Tables
BCM88335 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
September 23, 2015 • 88335-DS100-R
Page 12
List of Tables
Table 1: Power-Up/Power-Down/Reset Control Signals.................................................................................. 25
Table 2: Crystal Oscillator and External Clock—Requirements and Performance ......................................... 27
Table 3: External 32.768 kHz Sleep Clock Specifications ............................................................................... 30
Table 4: Power Control Pin Description ........................................................................................................... 37
Table 5: PCM Interface Timing Specifications (Short Frame Sync, Master Mode).......................................... 45
Table 6: PCM Interface Timing Specifications (Short Frame Sync, Slave Mode)............................................ 46
Table 7: PCM Interface Timing Specifications (Long Frame Sync, Master Mode) .......................................... 47
Table 8: PCM Interface Timing Specifications (Long Frame Sync, Slave Mode) ............................................ 48
Table 9: Example of Common Baud Rates...................................................................................................... 49
Table 10: UART Timing Specifications ............................................................................................................ 50
Table 11: Timing for I2S Transmitters and Receivers ...................................................................................... 51
Table 12: SDIO Pin Description ....................................................................................................................... 56
Table 13: gSPI Status Field Details ................................................................................................................. 62
Table 14: gSPI Registers ................................................................................................................................. 63
Table 15: WLBGA Signal Descriptions ............................................................................................................ 75
Table 16: WLAN GPIO Functions and Strapping Options ............................................................................... 82
Table 17: SDIO/gSPI I/O Voltage Selection..................................................................................................... 82
Table 18: Host Interface Selection (WLBGA Package) ................................................................................... 82
Table 19: GPIO Multiplexing Matrix ................................................................................................................. 83
Table 20: Multiplexed GPIO Signals ................................................................................................................ 84
Table 21: BCM88335 GPIO/SDIO Alternative Signal Functions ..................................................................... 85
Table 22: I/O States ......................................................................................................................................... 86
Table 23: Absolute Maximum Ratings ............................................................................................................. 89
Table 24: Environmental Ratings..................................................................................................................... 90
Table 25: ESD Specifications .......................................................................................................................... 90
Table 26: Recommended Operating Conditions and DC Characteristics........................................................ 91
Table 27: Bluetooth Receiver RF Specifications.............................................................................................. 94
Table 28: Bluetooth Transmitter RF Specifications.......................................................................................... 97
Table 29: Local Oscillator Performance........................................................................................................... 99
Table 30: BLE RF Specifications ..................................................................................................................... 99
Table 31: 2.4 GHz Band General RF Specifications...................................................................................... 100
Table 32: WLAN 2.4 GHz Receiver Performance Specifications .................................................................. 101
Table 33: WLAN 2.4 GHz Transmitter Performance Specifications .............................................................. 105
Table 34: WLAN 5 GHz Receiver Performance Specifications ..................................................................... 107
Table 35: WLAN 5 GHz Transmitter Performance Specifications ................................................................. 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com