Electronic Components Datasheet Search
  English  ▼

X  

BCM88335 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # BCM88335
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 for Automotive Applications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM88335 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button BCM88335 Datasheet HTML 17Page - Cypress Semiconductor BCM88335 Datasheet HTML 18Page - Cypress Semiconductor BCM88335 Datasheet HTML 19Page - Cypress Semiconductor BCM88335 Datasheet HTML 20Page - Cypress Semiconductor BCM88335 Datasheet HTML 21Page - Cypress Semiconductor BCM88335 Datasheet HTML 22Page - Cypress Semiconductor BCM88335 Datasheet HTML 23Page - Cypress Semiconductor BCM88335 Datasheet HTML 24Page - Cypress Semiconductor BCM88335 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 140 page
background image
Automotive Usage Model
BCM88335 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
September 23, 2015 • 88335-DS100-R
Page 20
Automotive Usage Model
The BCM88335 incorporates a number of unique features to simplify integration into automotive platforms. Its
flexible PCM and UART interfaces enable it to transparently connect with existing platform circuits. In addition,
the TCXO and LPO inputs allow the use of existing automotive features to further minimize the size, power, and
cost of the complete system.
• The PCM interface provides multiple modes of operation to support both master and slave as well as hybrid
interfacing to single or multiple external codec devices.
• The UART interface supports hardware flow control with tight integration to power-control sideband
signaling to support the lowest power operation.
• The crystal oscillator interface accommodates any of the typical reference frequencies used by mobile
platform architectures.
• The highly linear design of the radio transceiver ensures that the device has the lowest spurious emissions
output regardless of the state of operation. It has been fully characterized in the global cellular bands.
• The transceiver design has excellent blocking and intermodulation performance in the presence of a
cellular transmission (LTE, GSM®, GPRS, CDMA, WCDMA, or iDEN).
The BCM88335 is designed to directly interface with new and existing automotive platform designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com