Electronic Components Datasheet Search
  English  ▼

X  

MB9B160R Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # MB9B160R
Description  32-Bit ARM짰 Cortex짰-M4F FM4 Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B160R Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button MB9B160R Datasheet HTML 35Page - Cypress Semiconductor MB9B160R Datasheet HTML 36Page - Cypress Semiconductor MB9B160R Datasheet HTML 37Page - Cypress Semiconductor MB9B160R Datasheet HTML 38Page - Cypress Semiconductor MB9B160R Datasheet HTML 39Page - Cypress Semiconductor MB9B160R Datasheet HTML 40Page - Cypress Semiconductor MB9B160R Datasheet HTML 41Page - Cypress Semiconductor MB9B160R Datasheet HTML 42Page - Cypress Semiconductor MB9B160R Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 158 page
background image
Document Number: 002-04918 Rev.*A
Page 39 of 158
MB9B160R Series
Pin
function
Pin name
Function description
Pin No
LQFP
120
LQFP
100
LQFP
80
QFP
100
BGA
112
BGA
144
Multi-
function
Timer
0
DTTI0X_0
Input signal controlling wave form generator
outputs RTO00 to RTO05 of Multi-function timer
0.
23
18
13
96
J1
J1
DTTI0X_1
79
69
-
47
E12
F12
FRCK0_0
16-bit free-run timer ch.0 external clock input pin
18
13
-
91
G1
G4
FRCK0_1
80
70
-
48
E11
F11
FRCK0_2
62
52
41
30
L13
L12
IC00_0
16-bit input capture ch.0 input pin of Multi-function
timer 0.
ICxx describes channel number.
22
17
-
95
H3
H4
IC00_1
75
65
54
43
G12
G12
IC00_2
63
53
42
31
L12
K12
IC01_0
21
16
-
94
H2
H3
IC01_1
76
66
55
44
G11
G11
IC01_2
64
54
43
32
K13
K11
IC02_0
20
15
-
93
G3
H2
IC02_1
77
67
56
45
F12
G10
IC02_2
65
55
44
33
K12
J12
IC03_0
19
14
-
92
G2
H1
IC03_1
78
68
-
46
F11
F13
IC03_2
66
56
45
34
J13
J11
RTO00_0
(PPG00_0)
Wave form generator output pin of Multi-function
timer 0.
This pin operates as PPG00 when it is used in
PPG0 output modes.
24
19
14
97
J2
J2
RTO00_1
(PPG00_1)
86
71
57
49
D13
D13
RTO01_0
(PPG00_0)
Wave form generator output pin of Multi-function
timer 0.
This pin operates as PPG00 when it is used in
PPG0 output modes.
25
20
15
98
J3
J3
RTO01_1
(PPG00_1)
85
-
-
-
-
E10
RTO02_0
(PPG02_0)
Wave form generator output pin of Multi-function
timer 0.
This pin operates as PPG02 when it is used in
PPG0 output modes.
26
21
16
99
K1
J4
RTO02_1
(PPG02_1)
84
-
-
-
-
E11
RTO03_0
(PPG02_0)
Wave form generator output pin of Multi-function
timer 0.
This pin operates as PPG02 when it is used in
PPG0 output modes.
27
22
17
100
K2
K2
RTO03_1
(PPG02_1)
83
-
-
-
-
E12
RTO04_0
(PPG04_0)
Wave form generator output pin of Multi-function
timer 0.
This pin operates as PPG04 when it is used in
PPG0 output modes.
28
23
18
1
L1
K3
RTO04_1
(PPG04_1)
82
-
-
-
-
E13
RTO05_0
(PPG04_0)
Wave form generator output pin of Multi-function
timer 0.
This pin operates as PPG04 when it is used in
PPG0 output modes.
29
24
19
2
L2
L1
RTO05_1
(PPG04_1)
81
-
-
-
-
F10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com