Electronic Components Datasheet Search
  English  ▼

X  

MB9B160R Datasheet(PDF) 49 Page - Cypress Semiconductor

Part # MB9B160R
Description  32-Bit ARM짰 Cortex짰-M4F FM4 Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B160R Datasheet(HTML) 49 Page - Cypress Semiconductor

Back Button MB9B160R Datasheet HTML 45Page - Cypress Semiconductor MB9B160R Datasheet HTML 46Page - Cypress Semiconductor MB9B160R Datasheet HTML 47Page - Cypress Semiconductor MB9B160R Datasheet HTML 48Page - Cypress Semiconductor MB9B160R Datasheet HTML 49Page - Cypress Semiconductor MB9B160R Datasheet HTML 50Page - Cypress Semiconductor MB9B160R Datasheet HTML 51Page - Cypress Semiconductor MB9B160R Datasheet HTML 52Page - Cypress Semiconductor MB9B160R Datasheet HTML 53Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 158 page
background image
Document Number: 002-04918 Rev.*A
Page 49 of 158
MB9B160R Series
Type
Circuit
Remarks
Q
It is possible to select the sub
oscillation / GPIO function
When the sub oscillation is selected.
• Oscillation feedback resistor
: Approximately 10MΩ
• With Standby mode control
• When the GPIO is selected.
• CMOS level output.
• CMOS level hysteresis input
• With pull-up resistor control
• With standby mode control
• Pull-up resistor
: Approximately 50kΩ
• IOH = -4mA, IOL = 4mA
• For I/O setting, refer to VBAT
Domain in the Peripheral Manual
R
• CMOS level output
• CMOS level hysteresis input
• Analog output
• With pull-up resistor control
• With standby mode control
• Pull-up resistor
: Approximately 50kΩ
• IOH = -12mA, IOL = 12mA
(4.5V~5.5V)
• IOH = -8mA, IOL = 8mA
(2.7V~4.5V)
P-ch
P-ch
N-ch
R
RX
P-ch
N-ch
R
P-ch
X1A
Digital output
Digital output
Digital input
Pull-up resistor
control
Standby mode
control
OSC
Standby mode
control
Clock input
Pull-up resistor
control
Digital input
Standby mode
control
Analog output
Digital output
Digital output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com