Electronic Components Datasheet Search
  English  ▼

X  

MB9B460R Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # MB9B460R
Description  32-Bit ARM짰 Cortex짰 - MF FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B460R Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button MB9B460R Datasheet HTML 4Page - Cypress Semiconductor MB9B460R Datasheet HTML 5Page - Cypress Semiconductor MB9B460R Datasheet HTML 6Page - Cypress Semiconductor MB9B460R Datasheet HTML 7Page - Cypress Semiconductor MB9B460R Datasheet HTML 8Page - Cypress Semiconductor MB9B460R Datasheet HTML 9Page - Cypress Semiconductor MB9B460R Datasheet HTML 10Page - Cypress Semiconductor MB9B460R Datasheet HTML 11Page - Cypress Semiconductor MB9B460R Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 166 page
background image
Document Number: 002-04868 Rev.*A
Page 8 of 166
MB9B460R Series
Function
Product name
MB9BF466M
MB9BF467M
MB9BF468M
MB9BF466N
MB9BF467N
MB9BF468N
MB9BF466R
MB9BF467R
MB9BF468R
Pin count
80
100/112
120/144
CPU
Cortex-M4F, MPU, NVIC 128ch.
Freq.
160 MHz
Power supply voltage range
2.7V to 5.5V
CAN
2ch. (Max)
DMAC
8ch.
DSTC
128ch.
External Bus Interface
Addr:19-bit (Max),
R/W data: 8-bit
(Max),
CS:5 (Max),
SRAM,
NOR Flash
Addr:25-bit (Max),
R/W data: 8/16-bit
(Max),
CS:9 (Max),
SRAM,
NOR Flash,
SDRAM
Addr:25-bit (Max),
R/W data: 8/16-bit
(Max),
CS:9 (Max),
SRAM,
NOR Flash,
NAND Flash, SDRAM
Multi-function Serial Interface
(UART/CSIO/LIN/I
2C)
8ch. (Max)
Base Timer
(PWC/Reload timer/PWM/PPG)
8ch. (Max)
A/D activation compare
6ch.
2 units (Max)
Input capture
4ch.
Free-run timer
3ch.
Output compare
6ch.
Waveform generator
3ch.
PPG
3ch.
SD Card Interface
1 unit
QPRC
2ch. (Max)
Dual Timer
1 unit
Real-Time Clock
1 unit
Watch Counter
1 unit
CRC Accelerator
Yes
Watchdog Timer
1ch. (SW) + 1ch. (HW)
External Interrupts
16pins (Max) + NMI × 1
I/O Ports
63pins (Max)
80pins (Max)
100pins (Max)
12-bit A/D Converter
16ch. (3 units)
24ch. (3 units)
12-bit D/A Converter
2 units (Max)
CSV (Clock Super Visor)
Yes
LVD (Low-Voltage Detector)
2ch.
Built-in CR
High-speed
4 MHz (±2%)
Low-speed
100 kHz (Typ)
Debug Function
SWJ-DP/ETM
Unique ID
Yes
Note: All signals of the peripheral function in each product cannot be allocated by limiting the pins of package.
It is necessary to use the port relocate function of the I/O port according to your function use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com