Electronic Components Datasheet Search
  English  ▼

X  

MB9B460R Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # MB9B460R
Description  32-Bit ARM짰 Cortex짰 - MF FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B460R Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button MB9B460R Datasheet HTML 28Page - Cypress Semiconductor MB9B460R Datasheet HTML 29Page - Cypress Semiconductor MB9B460R Datasheet HTML 30Page - Cypress Semiconductor MB9B460R Datasheet HTML 31Page - Cypress Semiconductor MB9B460R Datasheet HTML 32Page - Cypress Semiconductor MB9B460R Datasheet HTML 33Page - Cypress Semiconductor MB9B460R Datasheet HTML 34Page - Cypress Semiconductor MB9B460R Datasheet HTML 35Page - Cypress Semiconductor MB9B460R Datasheet HTML 36Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 166 page
background image
Document Number: 002-04868 Rev.*A
Page 32 of 166
MB9B460R Series
Pin
Function
Pin name
Function description
Pin No
LQFP
120
LQFP
100
LQFP
80
QFP
100
BGA
112
BGA
144
Debugger
SWCLK
Serial wire debug interface clock input pin
105
90
71
68
A6
B7
SWDIO
Serial wire debug interface data input /
output pin
103
88
69
66
B7
D7
SWO
Serial wire viewer output pin
102
87
68
65
C7
B8
TCK
J-TAG test clock input pin
105
90
71
68
A6
B7
TDI
J-TAG test data input pin
104
89
70
67
C6
C7
TDO
J-TAG debug data output pin
102
87
68
65
C7
B8
TMS
J-TAG test mode state input/output pin
103
88
69
66
B7
D7
TRACECLK
Trace CLK output pin of ETM
101
86
-
64
C8
C8
TRACED0
Trace data output pin of ETM
97
82
-
60
B9
C9
TRACED1
98
83
-
61
C9
B9
TRACED2
99
84
-
62
A8
A9
TRACED3
100
85
-
63
B8
D8
TRSTX
J-TAG test reset Input pin
106
91
72
69
B6
D6
External
Bus
MAD00_0
External bus interface address bus
27
22
17
100
K2
K2
MAD01_0
28
23
18
1
L1
K3
MAD02_0
29
24
19
2
L2
L1
MAD03_0
47
42
32
20
L7
L7
MAD04_0
48
43
33
21
L8
K7
MAD05_0
49
44
34
22
M9
M8
MAD06_0
50
45
35
23
L9
L8
MAD07_0
62
52
41
30
L13
L12
MAD08_0
63
53
42
31
L12
K12
MAD09_0
64
54
43
32
K13
K11
MAD10_0
65
55
44
33
K12
J12
MAD11_0
66
56
45
34
J13
J11
MAD12_0
67
57
46
35
J12
J10
MAD13_0
68
58
47
36
J11
H12
MAD14_0
69
59
48
37
H12
H11
MAD15_0
74
64
53
42
H11
H10
MAD16_0
75
65
54
43
G12
G12
MAD17_0
76
66
55
44
G11
G11
MAD18_0
77
67
56
45
F12
G10
MAD19_0
78
68
-
46
F11
F13
MAD20_0
79
69
-
47
E12
F12
MAD21_0
80
70
-
48
E11
F11
MAD22_0
86
71
-
49
D13
D13
MAD23_0
88
73
-
51
C13
D11
MAD24_0
89
74
-
52
C12
C12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com