Electronic Components Datasheet Search
  English  ▼

X  

OPA657 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA657
Description  1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA657 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA657 Datasheet HTML 4Page - Texas Instruments OPA657 Datasheet HTML 5Page - Texas Instruments OPA657 Datasheet HTML 6Page - Texas Instruments OPA657 Datasheet HTML 7Page - Texas Instruments OPA657 Datasheet HTML 8Page - Texas Instruments OPA657 Datasheet HTML 9Page - Texas Instruments OPA657 Datasheet HTML 10Page - Texas Instruments OPA657 Datasheet HTML 11Page - Texas Instruments OPA657 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
OPA657
8
SBOS197B
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
TA = +25°C, G = +10, RF = 453Ω, RL = 100Ω, unless otherwise noted.
INVERTING INPUT OVERDRIVE RECOVERY
Time (20ns/div)
5
4
3
2
1
0
–1
–2
–3
–4
–5
See Figure 2
0.25
0.20
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
–0.20
–0.25
G = –20
Output Voltage
Left Scale
Input Voltage
Right Scale
NONINVERTING INPUT OVERDRIVE RECOVERY
Time (20ns/div)
5
4
3
2
1
0
–1
–2
–3
–4
–5
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
G = +10
See Figure 1
Output Voltage
Left Scale
Input Voltage
Right Scale
SUPPLY AND OUTPUT CURRENT vs TEMPERATURE
–50
–25
0
25
50
75
100
125
Ambient Temperature (
°C)
150
125
100
75
50
25
0
18
15
12
9
6
3
0
Supply Current
Right Scale
Left Scale
Sourcing Current
Sinking Current
Left Scale
TYPICAL INPUT BIAS CURRENT DRIFT
OVER TEMPERATURE
–50
–25
0
25
50
75
100
125
Ambient Temperature (
°C)
1000
900
800
700
600
500
400
300
200
100
0
TYPICAL INPUT BIAS CURRENT
vs COMMON-MODE INPUT VOLTAGE
–3
–2
–1
012
3
Common-Mode Input Voltage (V)
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
TYPICAL INPUT OFFSET VOLTAGE DRIFT
OVER TEMPERATURE
–50
–25
0
25
50
75
100
125
Ambient Temperature (
°C)
1.0
0.5
0
–0.5
–1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com