Electronic Components Datasheet Search
  English  ▼

X  

OPA657 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA657
Description  1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA657 Datasheet(HTML) 1 Page - Texas Instruments

  OPA657 Datasheet HTML 1Page - Texas Instruments OPA657 Datasheet HTML 2Page - Texas Instruments OPA657 Datasheet HTML 3Page - Texas Instruments OPA657 Datasheet HTML 4Page - Texas Instruments OPA657 Datasheet HTML 5Page - Texas Instruments OPA657 Datasheet HTML 6Page - Texas Instruments OPA657 Datasheet HTML 7Page - Texas Instruments OPA657 Datasheet HTML 8Page - Texas Instruments OPA657 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
OPA657
SBOS197B – DECEMBER 2001 – REVISED MAY 2004
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2001-2004, Texas Instruments Incorporated
1.6GHz, Low-Noise, FET-Input
OPERATIONAL AMPLIFIER
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
FEATURES
q HIGH GAIN BANDWIDTH PRODUCT: 1.6GHz
q HIGH BANDWIDTH 275MHz (G = +10)
q LOW INPUT OFFSET VOLTAGE:
±0.25mV
q LOW INPUT BIAS CURRENT: 2pA
q LOW INPUT VOLTAGE NOISE: 4.8nV/ Hz
q HIGH OUTPUT CURRENT: 70mA
q FAST OVERDRIVE RECOVERY
APPLICATIONS
q WIDEBAND PHOTODIODE AMPLIFIER
q WAFER SCANNING EQUIPMENT
q ADC INPUT AMPLIFIER
q TEST AND MEASUREMENT FRONT END
q HIGH GAIN PRECISION AMPLIFIER
SLEW VOLTAGE
VS
BW
RATE
NOISE
DEVICE
(V) (MHz) (V/
µS) (nV/√HZ) AMPLIFIER DESCRIPTION
OPA355
+5
200
300
5.80
Unity-Gain Stable CMOS
OPA655
±5
400
290
6
Unity-Gain Stable FET-Input
OPA656
±5
500
170
7
Unity-Gain Stable FET-Input
OPA627
±15
16
55
4.5
Unity-Gain Stable FET-Input
THS4601
±15 180
100
5.4
Unity-Gain Stable FET-Input
RELATED OPERATIONAL AMPLIFIER PRODUCTS
DESCRIPTION
The OPA657 combines a high gain bandwidth, low distor-tion,
voltage-feedback op amp with a low voltage noise JFET-input
stage to offer a very high dynamic range amplifier for high
precision ADC (Analog-to-Digital Converter) driving or wideband
transimpedance applications. Photodiode applications will see
improved noise and bandwidth using this decompensated,
high gain bandwidth amplifier.
Very low level signals can be significantly amplified in a single
OPA657 gain stage with exceptional bandwidth and accuracy.
Having a high 1.6GHz gain bandwidth product will give >
10MHz signal bandwidths up to gains of 160V/V (44dB). The
very low input bias current and capacitance will support this
performance even for relatively high source impedances.
Broadband photodetector applications will benefit from the low
voltage noise JFET inputs for the OPA657. The JFET input
contributes virtually no current noise while for broadband
applications, a low voltage noise is also required. The low
4.8nV/ Hz input voltage noise will provide exceptional input
sensitivity for higher bandwidth applications. The example
shown below will give a total equivalent input noise current of
1.8pA/ Hz over a 10MHz bandwidth.
OPA657
OPA657
Wideband Photodiode Transimpedance Amplifier
(12pF)
λ
–V
b
200k
Ω
V
O
0.1pF
Frequency
200k
Ω TRANSIMPEDANCE BANDWIDTH
116
106
96
86
76
66
100kHz
1MHz
10MHz
50MHz
10MHz Bandwidth
All trademarks are the property of their respective owners.


Similar Part No. - OPA657

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA657 BURR-BROWN-OPA657 Datasheet
362Kb / 18P
Precision, High-Speed Transimpedance Amplifier
logo
Texas Instruments
OPA657 TI-OPA657 Datasheet
814Kb / 25P
Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA657 TI1-OPA657 Datasheet
1Mb / 35P
HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
OPA657 TI1-OPA657 Datasheet
1Mb / 37P
1.6-GHz, Low-Noise, FET-Input Operational Amplifier
OPA657 TI-OPA657 Datasheet
1Mb / 25P
OPA817 800-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
JULY 2022
More results

Similar Description - OPA657

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4071 NEC-UPC4071 Datasheet
278Kb / 10P
LOW NOISE J-FET INPUT OPERATIONAL AMPLIFIER????
UPC4074 NEC-UPC4074 Datasheet
277Kb / 10P
LOW NOISE J-FET INPUT QUAD OPERATIONAL AMPLIFIER??????
logo
Torex Semiconductor
XC2404 TOREX-XC2404_12 Datasheet
377Kb / 16P
1.6GHz Low Noise Amplifier
XC2404-12 TOREX-XC2404-12 Datasheet
377Kb / 16P
1.6GHz Low Noise Amplifier
XC2404 TOREX-XC2404 Datasheet
377Kb / 16P
1.6GHz Low Noise Amplifier
logo
Renesas Technology Corp
PC4074 RENESAS-PC4074_15 Datasheet
249Kb / 11P
J-FET INPUT LOW-NOISE QUAD OPERATIONAL AMPLIFIER
logo
Torex Semiconductor
XC2404 TOREX-XC2404_15 Datasheet
377Kb / 16P
1.6GHz Low Noise Amplifier
logo
Texas Instruments
OPA657 TI1-OPA657 Datasheet
1Mb / 37P
1.6-GHz, Low-Noise, FET-Input Operational Amplifier
logo
Renesas Technology Corp
UPC824 RENESAS-UPC824 Datasheet
638Kb / 8P
Low Noise J-FET Input Quad Operational Amplifier
2019.11.12
UPC834 RENESAS-UPC834 Datasheet
504Kb / 8P
Low Noise J-FET Input Quad Operational Amplifier
2019.11.12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com