Electronic Components Datasheet Search
  English  ▼

X  

COP8SE Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SE
Description  8-Bit CMOS ROM Based and OTP Microcontrollers with 4k Memory and 128 Bytes EERAM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SE Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button COP8SE Datasheet HTML 16Page - National Semiconductor (TI) COP8SE Datasheet HTML 17Page - National Semiconductor (TI) COP8SE Datasheet HTML 18Page - National Semiconductor (TI) COP8SE Datasheet HTML 19Page - National Semiconductor (TI) COP8SE Datasheet HTML 20Page - National Semiconductor (TI) COP8SE Datasheet HTML 21Page - National Semiconductor (TI) COP8SE Datasheet HTML 22Page - National Semiconductor (TI) COP8SE Datasheet HTML 23Page - National Semiconductor (TI) COP8SE Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
7.0 Power Saving Features (Continued)
7.2 IDLE MODE
The device is placed in the IDLE mode by writing a
″1″ to the
IDLE flag (G6 data bit). In this mode, all activity, except the
associated on-board oscillator circuitry, the WATCHDOG
logic, the clock monitor and the IDLE Timer T0, is stopped.
The power supply requirements of the microcontroller in this
mode of operation are typically around 30% of normal power
requirement of the microcontroller.
As with the HALT mode, the device can be returned to nor-
mal operation with a reset, or with a Multi-Input Wakeup from
the L Port.
The microcontroller may also be awakened from the IDLE
mode after a selectable amount of time up to 65,536 instruc-
tion cycles, or 65.536 milliseconds with a 1 MHz instruction
clock frequency (10 MHz oscillator).
The IDLE timer period is selectable from one of five values,
4k, 8k, 16k, 32k or 64k instruction cycles. Selection of this
value is made through the ITMR register.
The user has the option of being interrupted with an under-
flow of the selected bit of the IDLE Timer T0. This condition
is latched into the T0PND pending flag. The interrupt can be
enabled or disabled via the T0EN control bit. Setting the
T0EN flag enables the interrupt and vice versa.
The user can enter the IDLE mode with the Timer T0 inter-
rupt enabled. In this case, when the T0PND bit gets set, the
device will first execute the Timer T0 interrupt service routine
and then return to the instruction following the
″Enter Idle
Mode
″ instruction.
Alternatively, the user can enter the IDLE mode with the
IDLE Timer T0 interrupt disabled. In this case, the device will
resume normal operation with the instruction immediately
following the
″Enter IDLE Mode″ instruction.
The IDLE timer cannot be started or stopped under software
control, and it is not memory mapped, so it cannot be read or
written by the software. Its state upon Reset is unknown.
Therefore, if the device is put into the IDLE mode at an arbi-
trary time, it will stay in the IDLE mode for somewhere be-
tween 1 and the selected number of instruction cycles. Upon
reset the ITMR register is cleared and selects the 4,096 in-
struction cycle tap of the Idle Timer.
Note: It is necessary to program two NOP instructions following both the set
HALT mode and set IDLE mode instructions. These NOP instructions
are necessary to allow clock resynchronization following the HALT or
IDLE modes.
For more information on the IDLE Timer and its associated
interrupt, see the description in the Timers Section.
DS100973-25
FIGURE 15. Wakeup from HALT
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com