Electronic Components Datasheet Search
  English  ▼

X  

9531 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 9531
Description  8-bit I2C LED dimmer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

9531 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 9531 Datasheet HTML 6Page - NXP Semiconductors 9531 Datasheet HTML 7Page - NXP Semiconductors 9531 Datasheet HTML 8Page - NXP Semiconductors 9531 Datasheet HTML 9Page - NXP Semiconductors 9531 Datasheet HTML 10Page - NXP Semiconductors 9531 Datasheet HTML 11Page - NXP Semiconductors 9531 Datasheet HTML 12Page - NXP Semiconductors 9531 Datasheet HTML 13Page - NXP Semiconductors 9531 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Philips Semiconductors
Product data
PCA9531
8-bit I2C LED dimmer
2003 Nov 10
10
Programming example
The following example will show how to set LED0 to LED3 on. It will
then set LED4 and LED5 to blink at 1 Hz at a 50% duty cycle. LED6
and LED7 will be set to be dimmed at 25% of their maximum
brightness (duty cycle = 25%).
Table 1.
I2C-bus
Start
S
PCA9531 address with A0-A2 = low
C0h
PSC0 subaddress + auto-increment
11h
Set prescaler PSC0 to achieve a period of 1 second:
Blink period
+ 1 + PSC0 ) 1
152
PSC0 = 151
97h
Set PWM0 duty cycle to 50%:
PWM0
256
+ 0.5
PWM0 = 128
80h
Set prescaler PCS1 to dim at max frequency:
Blink period
+ max
PSC1 = 0
00h
Set PWM1 output duty cycle to 25%:
PWM1
256
+ 0.25
PWM1 = 64
40h
Set LED0 to LED3 on
55h
Set LED4 and 5 to PWM0, and LED6 or 7 to PWM1
FAh
Stop
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com