Electronic Components Datasheet Search
  English  ▼

X  

NHS030C Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # NHS030C
Description  INTELLIGENT POWER DEVICE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NHS030C Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button NHS030C Datasheet HTML 21Page - Renesas Technology Corp NHS030C Datasheet HTML 22Page - Renesas Technology Corp NHS030C Datasheet HTML 23Page - Renesas Technology Corp NHS030C Datasheet HTML 24Page - Renesas Technology Corp NHS030C Datasheet HTML 25Page - Renesas Technology Corp NHS030C Datasheet HTML 26Page - Renesas Technology Corp NHS030C Datasheet HTML 27Page - Renesas Technology Corp NHS030C Datasheet HTML 28Page - Renesas Technology Corp NHS030C Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
µ
PD166037T1J Datasheet
3. Specification
R07DS1114EJ0200 Rev.2.00
Page 25 of 39
May 22, 2015
IL
IIS,offset
KILIS=IL/IIS
IIS
IL(CSE)
2uA
5uA
IL
IIS
VCC-VIS
VCC
IS
RIS
GND
VCC-VIS
VIS
VCC
IIS,fault
1kohm load line
9mA
3.5mA
VCC
VCC-VIS
VIS
Current sense output
The device output analog feedback current proportional to output current from IS pin. In the case of much higher
current than nominal load current, current sense output is saturated. In the case of much lower current than nominal load
current, current sense output is above 5uA if output current is above IL(CSE) max, current sense output is below 2uA,
IIS,offset max, if output current is below IL(CSE) min.
Sense current under fault condition
The device output IIS,fault, constant current, from IS pin under fault condition such as after over current detection,
during power limitation and during thermal toggling. IIS,fault is specified with RIS=1kohm condition. IIS,fault is
attenuated depends on VCC-VIS voltage. Operation point as IIS,fault output is also depends on RIS condition. For
example, In the case of RIS=1kohm, IIS,fault could be 3.5mA to 9mA, VCC-VIS could be 4.5V to 10V, VIS could be
9V to 3.5V if VCC=13.5V. In the case of RIS is higher than 1kohm, Operation point as IIS,fault is lower than specified
value but VIS should be higher than RIS=1kohm condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com