Electronic Components Datasheet Search
  English  ▼

X  

NHS030C Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # NHS030C
Description  INTELLIGENT POWER DEVICE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NHS030C Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button NHS030C Datasheet HTML 26Page - Renesas Technology Corp NHS030C Datasheet HTML 27Page - Renesas Technology Corp NHS030C Datasheet HTML 28Page - Renesas Technology Corp NHS030C Datasheet HTML 29Page - Renesas Technology Corp NHS030C Datasheet HTML 30Page - Renesas Technology Corp NHS030C Datasheet HTML 31Page - Renesas Technology Corp NHS030C Datasheet HTML 32Page - Renesas Technology Corp NHS030C Datasheet HTML 33Page - Renesas Technology Corp NHS030C Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
µ
PD166037T1J Datasheet
3. Specification
R07DS1114EJ0200 Rev.2.00
Page 30 of 39
May 22, 2015
VIN
VOUT
90%
10%
ton
toff
30%
70%
dV/dton
-dV/dtoff
10%
td(on)
90%
td(off)
30%
70%
3.6.10 Measurement condition
Switching waveform of OUT terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com