Electronic Components Datasheet Search
  English  ▼

X  

FT811Q Datasheet(PDF) 27 Page - Future Technology Devices International Ltd.

Part # FT811Q
Description  Embedded Video Engine
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT811Q Datasheet(HTML) 27 Page - Future Technology Devices International Ltd.

Back Button FT811Q Datasheet HTML 23Page - Future Technology Devices International Ltd. FT811Q Datasheet HTML 24Page - Future Technology Devices International Ltd. FT811Q Datasheet HTML 25Page - Future Technology Devices International Ltd. FT811Q Datasheet HTML 26Page - Future Technology Devices International Ltd. FT811Q Datasheet HTML 27Page - Future Technology Devices International Ltd. FT811Q Datasheet HTML 28Page - Future Technology Devices International Ltd. FT811Q Datasheet HTML 29Page - Future Technology Devices International Ltd. FT811Q Datasheet HTML 30Page - Future Technology Devices International Ltd. FT811Q Datasheet HTML 31Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
Copyright © 2015 Future Technology Devices International Limited
27
Document No.: FT_001165
FT81X
Embedded Video Engine
Datasheet Version 1.2
Clearance No.:
FTDI#440
REG_PCLK
System Clock Frequency (MHz)
60(default)
48
36
24
8
7.5
6.0
4.5
3.0
9
6.7
5.3
4.0
2.7
10
6.0
4.8
3.6
2.4
REG_PCLK_POL defines the clock polarity, with 0 for positive active clock edge, and 1 for negative clock
edge.
REG_CSPREAD controls the transition of RGB signals with respect to the PCLK active clock edge. When
REG_CSPREAD=0, R[7:0], G[7:0] and B[7:0] signals change following the active edge of PCLK. When
REG_CSPREAD=1, R[7:0] changes a PCLK clock early and B[7:0] a PCLK clock later, which helps reduce
the switching noise.
REG_DITHER enables colour dither. This option improves the half-tone appearance on displays.
Internally, the graphics engine computes the colour values at an 8 bit precision; however, the LCD colour
at a lower precision is sufficient. The FT810/FT811 output is only 6 bits per colour in 6:6:6 formats and a
2X2 dither matrix allow the truncated bits to contribute to the final colour values.
REG_OUTBITS gives the bit width of each colour channel, the default is 6/6/6(for FT810/FT811) or
8/8/8(for FT812/FT813) bits for each R/G/B colour. A lower value means fewer bits are output for each
channel allowing dithering on lower precision LCD displays.
REG_SWIZZLE controls the arrangement of the output colour pins, to help the PCB route different LCD
panel arrangements. Bit 0 of the register causes the order of bits in each colour channel to be reversed.
Bits 1-3 control the RGB order. Setting Bit 1 causes R and B channels to be swapped. Setting Bit 3 allows
rotation to be enabled. If Bit 3 is set, then (R,G,B) is rotated right if bit 2 is one, or left if bit 2 is zero.
Table 4-12 REG_SWIZZLE RGB Pins Mapping
REG_SWIZZLE
PINS (FT810/FT811, 6 bits)
PINS (FT812/FT813, 8 bits)
b3 b2 b1 b0 R7, R6, R5,
R4, R3, R2
G7, G6, G5,
G4, G3, G2
B7, B6, B5,
B4, B3, B2
R7, R6,
R5, R4,
R3, R2,
R1, R0
G7, G6,
G5, G4,
G3, G2,
G1, G0
B7, B6,
B5, B4,
B3, B2,
B1, B0
0
X
0
0
R[7:2]
G[7:2]
B[7:2]
R[7:0]
G[7:0]
B[7:0]
0
X
0
1
R[2:7]
G[2:7]
B[2:7]
R[0:7]
G[0:7]
B[0:7]
0
X
1
0
B[7:2]
G[7:2]
R[7:2]
B[7:0]
G[7:0]
R[7:0]
0
X
1
1
B[2:7]
G[2:7]
R[2:7]
B[0:7]
G[0:7]
R[0:7]
1
0
0
0
B[7:2]
R[7:2]
G[7:2]
B[7:0]
R[7:0]
G[7:0]
1
0
0
1
B[2:7]
R[2:7]
G[2:7]
B[0:7]
R[0:7]
G[0:7]
1
0
1
0
G[7:2]
R[7:2]
B[7:2]
G[7:0]
R[7:0]
B[7:0]
1
0
1
1
G[2:7]
R[2:7]
B[2:7]
G[0:7]
R[0:7]
B[0:7]
1
1
0
0
G[7:2]
B[7:2]
R[7:2]
G[7:0]
B[7:0]
R[7:0]
1
1
0
1
G[2:7]
B[2:7]
R[2:7]
G[0:7]
B[0:7]
R[0:7]
1
1
1
0
R[7:2]
B[7:2]
G[7:2]
R[7:0]
B[7:0]
G[7:0]
1
1
1
1
R[2:7]
B[2:7]
G[2:7]
R[0:7]
B[0:7]
G[0:7]
REG_HCYCLE, REG_HSIZE, REG_HOFFSET, REG_HSYNC0 and REG_HSYNC1 define the LCD horizontal
timings. Each register has 12 bits to allow programmable range of 0-4095 PCLK cycles. REG_VCYCLE,
REG_VSIZE, REG_VOFFSET, REG_VSYNC0 and REG_VSYNC1 define the LCD vertical timings. Each
register has 12 bits to allow programmable range of 0-4095 lines.
Table 4-13 Registers for RGB horizontal and vertical timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com