Electronic Components Datasheet Search
  English  ▼

X  

FT811Q Datasheet(PDF) 45 Page - Future Technology Devices International Ltd.

Part # FT811Q
Description  Embedded Video Engine
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT811Q Datasheet(HTML) 45 Page - Future Technology Devices International Ltd.

Back Button FT811Q Datasheet HTML 41Page - Future Technology Devices International Ltd. FT811Q Datasheet HTML 42Page - Future Technology Devices International Ltd. FT811Q Datasheet HTML 43Page - Future Technology Devices International Ltd. FT811Q Datasheet HTML 44Page - Future Technology Devices International Ltd. FT811Q Datasheet HTML 45Page - Future Technology Devices International Ltd. FT811Q Datasheet HTML 46Page - Future Technology Devices International Ltd. FT811Q Datasheet HTML 47Page - Future Technology Devices International Ltd. FT811Q Datasheet HTML 48Page - Future Technology Devices International Ltd. FT811Q Datasheet HTML 49Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
Copyright © 2015 Future Technology Devices International Limited
45
Document No.: FT_001165
FT81X
Embedded Video Engine
Datasheet Version 1.2
Clearance No.:
FTDI#440
Address
(hex)
Register Name
Bit
s
r/
w
Reset
value
Description
302178h
Reserved
- -
- Reserved
30217Ch
Reserved
- -
- Reserved
302180h
REG_TRIM
8 r/w
0 Internal relaxation clock trimming
302184h
REG_ANA_COMP
8 r/w
0 Analogue control register
302188h
REG_SPI_WIDTH
3 r/w
0 QSPI bus width setting
Bit [2]: extra dummy cycle on read
Bit [1:0]: bus width (0=1-bit, 1=2-
bit, 2=4-bit)
30218Ch
REG_TOUCH_DIRECT_XY
REG_CTOUCH_TOUCH2_X
Y
32 r/o
- Compatibility mode: Touch screen
direct (x-MSB16; y-LSB16)
conversions
Extended mode: touch-screen
screen data for touch 2 (x-MSB16;
y-LSB16)
302190h
REG_TOUCH_DIRECT_Z1Z
2
REG_CTOUCH_TOUCH3_X
Y
32 r/o
- Compatibility mode: Touch screen
direct (z1-MSB16; z2-LSB16)
conversions
Extended mode: touch-screen
screen data for touch 3 (x-MSB16;
y-LSB16)
302194h
-
302560h
Reserved
- -
- Reserved
302564h
REG_DATESTAMP
128 r/o
- Stamp date code
302574h
REG_CMDB_SPACE
12 r/w
FFCh Command DL (bulk) space available
302578h
REG_CMDB_WRITE
32 w/o
0 Command DL (bulk) write
Note: All register addresses are 4-byte aligned. The value in the “Bits” column refers to the number of
valid bits from bit 0 unless otherwise specified; other bits are reserved.
5.2 Chip ID
The FT81x Chip ID can be read at memory location 0C0000h – 0C0003h. The reset values of these bytes
are:
-
0C0000h: 08h
-
0C0001h: 10h (FT810), 11h(FT811), 12h(FT812), 13h(FT813)
-
0C0002h: 01h
-
0C0003h: 00h
Note that the Chip ID location can be over-written by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com