Electronic Components Datasheet Search
  English  ▼

X  

FT812Q Datasheet(PDF) 19 Page - Future Technology Devices International Ltd.

Part # FT812Q
Description  Embedded Video Engine
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT812Q Datasheet(HTML) 19 Page - Future Technology Devices International Ltd.

Back Button FT812Q Datasheet HTML 15Page - Future Technology Devices International Ltd. FT812Q Datasheet HTML 16Page - Future Technology Devices International Ltd. FT812Q Datasheet HTML 17Page - Future Technology Devices International Ltd. FT812Q Datasheet HTML 18Page - Future Technology Devices International Ltd. FT812Q Datasheet HTML 19Page - Future Technology Devices International Ltd. FT812Q Datasheet HTML 20Page - Future Technology Devices International Ltd. FT812Q Datasheet HTML 21Page - Future Technology Devices International Ltd. FT812Q Datasheet HTML 22Page - Future Technology Devices International Ltd. FT812Q Datasheet HTML 23Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
Copyright © 2015 Future Technology Devices International Limited
19
Document No.: FT_001165
FT81X
Embedded Video Engine
Datasheet Version 1.2
Clearance No.:
FTDI#440
1st Byte
2nd byte
3rd byte
Command
Description
04-07h
Reserved
08h
DISP
09h
DE
0Ah
VSYNC / HSYNC
0Bh
PCLK
0Ch
BACKLIGHT
0Dh
R[7:0], G[7:0], B[7:0]
0Eh
AUDIO_L
0Fh
INT_N
10h
CTP_RST_N
11h
CTP_SCL
12h
CTP_SDA
13h
SPI MISO/MOSI/IO2/IO3
Others
Reserved
Note: GPIO0 shares the same pin as SPI
IO2 and GPIO1 with SPI IO3. When SPI is
set in Quad mode, IO2 and IO3 will inherit
the drive strength set in GROUP 13h;
otherwise GPIO0 and GPIO1 will inherit the
drive strength from GROUP 00h and 01h
respectively.
01110001b
xx
00000000b
71h
PIN_PD_STA
TE
During power down, all output and in/out
pins will not be driven. Please refer to Table
4-20 for their default power down state.
These settings will only be effective during
power down and will not affect normal
operations.
Also
note
that
these
configuration bits are sticky and, unlike
other configuration bits, will not reset to
default values upon exiting power down.
Only POR will reset them.
Byte2 determines which pin and the setting
are to be updated.
Byte2[1:0] determine the pin state.
Byte2 [1:0]
Pin Setting
0h
Float
1h
Pull-Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com