Electronic Components Datasheet Search
  English  ▼

X  

FT812Q Datasheet(PDF) 39 Page - Future Technology Devices International Ltd.

Part # FT812Q
Description  Embedded Video Engine
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT812Q Datasheet(HTML) 39 Page - Future Technology Devices International Ltd.

Back Button FT812Q Datasheet HTML 35Page - Future Technology Devices International Ltd. FT812Q Datasheet HTML 36Page - Future Technology Devices International Ltd. FT812Q Datasheet HTML 37Page - Future Technology Devices International Ltd. FT812Q Datasheet HTML 38Page - Future Technology Devices International Ltd. FT812Q Datasheet HTML 39Page - Future Technology Devices International Ltd. FT812Q Datasheet HTML 40Page - Future Technology Devices International Ltd. FT812Q Datasheet HTML 41Page - Future Technology Devices International Ltd. FT812Q Datasheet HTML 42Page - Future Technology Devices International Ltd. FT812Q Datasheet HTML 43Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
Copyright © 2015 Future Technology Devices International Limited
39
Document No.: FT_001165
FT81X
Embedded Video Engine
Datasheet Version 1.2
Clearance No.:
FTDI#440
Pin Name
Default Drive
Reset
Normal
Power Down
(Default)
IO2
GPIO0
5mA
5mA
In
In
IO
IO
Float
Float
IO3
GPIO1
5mA
5mA
In
In
IO
IO
Float
Float
GPIO2
5mA
In
IO
Float
INT_N
5mA
OD, Float
OD / Out
Float
PD_N
-
In
In
In
GPIO3
5mA
In
IO
Float
X1/CLK
-
In
In
In
XP
-
IO, Float
IO
Float
YP
-
IO, Float
IO
Float
XM
-
IO, Float
IO
Float
YM
-
IO, Float
IO
Float
CTP_RST_N
5mA
Out
Out
Pull Low
CTP_INT_N
-
In (internal
pull-up)
In (internal
pull-up)
In (internal
pull-up)
CTP_SCL
20mA
OD
IO
Float
CTP_SDA
20mA
OD
IO
Float
BACKLIGHT
5mA
Out
Out
Pull Low
DE
5mA
Out
Out
Pull Low
VSYNC
5mA
Out
Out
Pull Low
HSYNC
5mA
Out
Out
Pull Low
DISP
5mA
Out
Out
Pull Low
PCLK
5mA
Out
Out
Pull Low
R/G/B
5mA
Out
Out
Pull Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com