Electronic Components Datasheet Search
  English  ▼

X  

CPC7692 Datasheet(PDF) 15 Page - IXYS Corporation

Part # CPC7692
Description  Drop-in replacement for CPC7592
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7692 Datasheet(HTML) 15 Page - IXYS Corporation

Back Button CPC7692 Datasheet HTML 10Page - IXYS Corporation CPC7692 Datasheet HTML 11Page - IXYS Corporation CPC7692 Datasheet HTML 12Page - IXYS Corporation CPC7692 Datasheet HTML 13Page - IXYS Corporation CPC7692 Datasheet HTML 14Page - IXYS Corporation CPC7692 Datasheet HTML 15Page - IXYS Corporation CPC7692 Datasheet HTML 16Page - IXYS Corporation CPC7692 Datasheet HTML 17Page - IXYS Corporation CPC7692 Datasheet HTML 18Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7692
R01
www.ixysic.com
15
2.5 TSD Pin Description
The TSD pin is a bidirectional I/O structure with an
internal pull-up current source having a nominal value
of 16
A biased from V
DD. As an output, this pin
indicates the status of the thermal shutdown circuitry.
During normal operation, this pin will typically be
pulled up to VDD but under fault conditions that create
excess thermal loading the CPC7692 will enter
thermal shutdown and a logic low will be output.
As an input, the TSD pin is utilized to place the
CPC7692 into the “All-Off” state by simply pulling the
input low. For applications using low-voltage logic
devices (lower than VDD), IXYS IC Division
recommends the use of an open-collector or an
open-drain type output to control TSD. This avoids
sinking the TSD pull up bias current to ground during
normal operation when the all-off state is not required.
In general, IXYS IC Division recommends all
applications use an open-collector or open-drain type
device to drive this pin.
Driving the TSD input to a logic high or tying it to VDD
will not override the thermal shutdown mechanism.
2.6 Ringing Switch Zero-Cross Current Turn Off
After the application of a logic input to turn SW4 off,
the ringing switch is designed to delay the change in
state until the next zero-crossing. Once on, the switch
requires a zero-current cross to turn off, and therefore
should not be used to switch a pure DC signal. The
switch will remain in the on state no matter the logic
input until the next zero crossing. These switching
characteristics will reduce and possibly eliminate
overall system impulse noise normally associated with
ringing switches. See IXYS IC Division’s application
note AN-144, Impulse Noise Benefits of Line Card Access
Switches for more information. The attributes of ringing
switch SW4 may make it possible to eliminate the
need for a zero-cross switching scheme. A minimum
impedance of 300
 in series with the ringing
generator is recommended.
2.7 Power Supplies
Both a +5V supply and battery voltage are connected
to the CPC7692. Switch state control is powered
exclusively by the +5V supply. As a result, the
CPC7692 exhibits extremely low power consumption
during active and idle states.
Although battery power is not used for switch control, it
is required to supply trigger current for the integrated
internal protection circuitry SCR during fault
conditions. This integrated SCR is designed to
activate whenever the voltage at TBAT or RBAT drops 2
to 4 V below the applied voltage on the VBAT pin.
Because the battery supply at this pin is required to
source trigger current during negative overvoltage
fault conditions at tip and ring, it is important that the
net supplying this current be a low impedance path for
high speed transients such as lightning. This will
permit trigger currents to flow enabling the SCR to
activate and thereby prevent a fault induced negative
overvoltage event at the TBAT or RBAT nodes.
2.8 Battery Voltage Monitor
The CPC7692 also uses the VBAT voltage to monitor
battery voltage. If system battery voltage is lost, the
CPC7692 immediately enters the all-off state. It
remains in this state until the battery voltage is
restored. The device also enters the all-off state if the
battery voltage rises more positive than about –10V
with respect to ground and remains in the all-off state
until the battery voltage drops below approximately
–15 V with respect to ground. This battery monitor
feature draws a small current from the battery (less
than 1
A typical) and will add slightly to the device’s
overall power dissipation.
This monitor function performs properly if the
CPC7692 and SLIC share a common battery supply
origin. Otherwise, if battery is lost to the CPC7692 but
not to the SLIC, then the VBAT pin will be internally
biased by the potential applied at the TBAT or RBAT
pins via the internal protection circuitry SCR trigger
current path.
2.9 Protection
2.9.1 Diode Bridge/SCR
The CPC7692 uses a combination of current limited
break switches, a diode bridge/SCR clamping circuit,
and a thermal shutdown mechanism to protect the
SLIC device or other associated circuitry from damage
during line transient events such as lightning. During a
positive transient condition, the fault current is
conducted through the diode bridge to ground via
FGND. Voltage is clamped to a diode drop above
ground. During a negative transient of 2 to 4V more



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com