Electronic Components Datasheet Search
  English  ▼

X  

CPC7692 Datasheet(PDF) 16 Page - IXYS Corporation

Part # CPC7692
Description  Drop-in replacement for CPC7592
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7692 Datasheet(HTML) 16 Page - IXYS Corporation

Back Button CPC7692 Datasheet HTML 10Page - IXYS Corporation CPC7692 Datasheet HTML 11Page - IXYS Corporation CPC7692 Datasheet HTML 12Page - IXYS Corporation CPC7692 Datasheet HTML 13Page - IXYS Corporation CPC7692 Datasheet HTML 14Page - IXYS Corporation CPC7692 Datasheet HTML 15Page - IXYS Corporation CPC7692 Datasheet HTML 16Page - IXYS Corporation CPC7692 Datasheet HTML 17Page - IXYS Corporation CPC7692 Datasheet HTML 18Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7692
16
www.ixysic.com
R01
negative than the voltage source at VBAT, the SCR
conducts and faults are shunted to FGND via the SCR
or the diode bridge.
In order for the SCR to crowbar (or foldback), the
SCR’s on-voltage (see “Protection Circuitry
Electrical Specifications” on page 9) must be less
than the applied voltage at the VBAT pin. If the VBAT
voltage is less negative than the SCR on-voltage or if
the VBAT supply is unable to source the trigger current,
the SCR will not crowbar.
For power induction or power-cross fault conditions,
the positive cycle of the transient is clamped to a diode
drop above ground and the fault current directed to
ground. The negative cycle of the transient will cause
the SCR to conduct when the voltage exceeds the
VBAT reference voltage by two to four volts, steering
the fault current to ground.
Note: The CPC7692BB does not contain the
protection SCR but instead uses diodes to clamp both
polarities of a transient fault. These diodes direct the
negative potential’s fault current to the VBAT pin.
2.9.2 Current Limiting function
If a lightning strike transient occurs when the device is
in the talk state, the current is passed along the line to
the integrated protection circuitry and restricted by the
High Frequency Dynamic Current Limit response of
the active switches. During the talk state, when a
1000V 10x1000
s lightning pulse (GR-1089-CORE)
is applied to the line though a properly clamped
external protector, the current seen at TLINE and RLINE
will be a pulse with a typical magnitude of 2.5 A and a
duration less than 0.5
s.
If a power-cross fault occurs with the device in the talk
state, the current passes though the break switches
SW1 and SW2 to the integrated protection circuit but
is limited by the Low Frequency Current Limit
response of the two break switches. The Low
Frequency Current Limit specified over temperature is
between 80 mA and 425 mA with the circuitry having a
negative temperature coefficient. As a result, if the
device is subjected to extended heating due to a
power cross fault condition, the measured current at
TLINE and RLINE will decrease as the device
temperature increases. If the device temperature rises
sufficiently, the thermal shutdown mechanism will
activate and the device will enter the all-off state.
2.10 Thermal Shutdown
The thermal shutdown mechanism activates when the
device die temperature reaches a minimum of 110
 C,
placing the device in the all-off state regardless of
logic input. During thermal shutdown events the TSD
pin will output a logic low with a nominal 0V level. A
logic high is output from the TSD pin during normal
operation with a typical output level equal to VDD. As
stated earlier, the thermal shutdown feature can not
be disabled by forcing a logic high to the TSD input.
If presented with a short duration transient such as a
lightning event, the thermal shutdown feature will
typically not activate. But in an extended power-cross
event, the device temperature will rise and the thermal
shutdown mechanism will activate forcing the switches
to the all-off state. At this point the current measured
into TLINE or RLINE will drop to zero. Once the device
enters thermal shutdown it will remain in the all-off
state until the temperature of the device drops below
the de-activation level of the thermal shutdown circuit.
This permits the device to autonomously return to
normal operation. If the fault has not passed, current
will again flow up to the value allowed by the current
limiting of the switches and heating will resume,
reactivating the thermal shutdown mechanism. This
cycle of entering and exiting the thermal shutdown
mode will continue as long as the fault condition
persists. If the magnitude of the fault condition is great
enough, the external secondary protector will activate
shunting the fault current to ground.
2.11 External Protection Elements
The CPC7692 requires only over voltage secondary
protection on the loop side of the device. The
integrated protection feature described above negates
the need for additional external protection on the SLIC
side. The secondary protector must limit voltage
transients to levels that do not exceed the breakdown
voltage or input-output isolation barrier of the
CPC7692. A foldback or crowbar type protector is
recommended to minimize stresses on the CPC7692.
Consult IXYS IC Division’s application note, AN-100,
Designing Surge and Power Fault Protection Circuits for
Solid State Subscriber Line Interfaces for equations
related to the specifications of external secondary
protectors, fused resistors and PTCs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com