Electronic Components Datasheet Search
  English  ▼

X  

MPS30 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # MPS30
Description  30W Single Output for Medical Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MPS30 Datasheet(HTML) 1 Page - Astrodyne Corporation

  MPS30 Datasheet HTML 1Page - Astrodyne Corporation MPS30 Datasheet HTML 2Page - Astrodyne Corporation MPS30 Datasheet HTML 3Page - Astrodyne Corporation MPS30 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
30W Single Output for Medical Type
MPS30 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Universal AC input
Low leakage current ≤ 0.3mA
Protections: Short circuit / Overload / Over voltage / Over
temperature
Fixed switching frequency at 100KHz
Low cost
High reliability
Model Number Output Volts
Output Amps
Ripple & Noise
Efficiency
OVP
Min Load
SINGLE OUTPUT
MPS30-5
5 Volts(DC)
5 Amps
80mV pk-pk
72%
5.5~6.75Volts(DC)
0~5Amps
MPS30-12
12 Volts(DC)
2.5 Amps
120mV pk-pk
75%
13.2~16.2Volts(DC)
0~2.5Amps
MPS30-15
15 Volts(DC)
2 Amps
150mV pk-pk
76%
16.5~20.25Volts(DC)
0~2Amps
MPS30-24
24 Volts(DC)
1.2 Amps
240mV pk-pk
77%
26.4~32.4Volts(DC)
0~1.2Amps
MPS30-27
27 Volts(DC)
1.1 Amps
240mV pk-pk
78%
29.7~36.45Volts(DC)
0~1.1Amps
MPS30-48
48 Volts(DC)
0.6 Amps
240mV pk-pk
78%
52.8~64.8Volts(DC)
0~0.6Amps


Similar Part No. - MPS30

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
MPS3150 BOWEI-MPS3150 Datasheet
231Kb / 3P
Fixecd PLL synthesizer
MPS3150A-20M BOWEI-MPS3150A-20M Datasheet
83Kb / 1P
Fixed frequency synthesizer
MPS3150D-20M BOWEI-MPS3150D-20M Datasheet
98Kb / 1P
Fixed frequency phase locked synthesizer
MPS330A-10M BOWEI-MPS330A-10M Datasheet
83Kb / 1P
Fixed frequency synthesizer
MPS3330 BOWEI-MPS3330 Datasheet
231Kb / 3P
Fixecd PLL synthesizer
More results

Similar Description - MPS30

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MPS-30 TOTAL-POWER-MPS-30 Datasheet
297Kb / 2P
30W Single Output for Medical Type
logo
Astrodyne Corporation
MPS-30 ASTRODYNE-MPS-30 Datasheet
374Kb / 2P
30W Single Output for Medical Type
MPS-45 ASTRODYNE-MPS-45 Datasheet
1Mb / 6P
45W Single Output for Medical Type
MPS-65 ASTRODYNE-MPS-65 Datasheet
1Mb / 6P
65W Single Output for Medical Type
logo
Mean Well Enterprises C...
MPS-30 MEANWELL-MPS-30 Datasheet
504Kb / 2P
30W Single Output for Medical Type
MPS-30 MEANWELL-MPS-30_10 Datasheet
506Kb / 2P
30W Single Output for Medical Type
MPS-30 MEANWELL-MPS-30_11 Datasheet
521Kb / 2P
30W Single Output for Medical Type
IRM-30 MEANWELL-IRM-30 Datasheet
90Kb / 4P
30W Single Output Encapsulated Type
RPS-30 MEANWELL-RPS-30_15 Datasheet
105Kb / 4P
30W Single Output Medical Type
logo
DIWELL Electronics Co.,...
IRM-30 DIWELL-IRM-30 Datasheet
64Kb / 2P
30W Single Output Encapsulated Type
2014-12-26
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com