Electronic Components Datasheet Search
  English  ▼

X  

MPS30 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # MPS30
Description  30W Single Output for Medical Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MPS30 Datasheet(HTML) 2 Page - Astrodyne Corporation

  MPS30 Datasheet HTML 1Page - Astrodyne Corporation MPS30 Datasheet HTML 2Page - Astrodyne Corporation MPS30 Datasheet HTML 3Page - Astrodyne Corporation MPS30 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
30W Single Output for Medical Type
MPS30 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Range
90-264VAC / 120-370 Volts(DC)
Frequency Range
47-63 Hz
Inrush Current, typ: (cold start)
30Amps @ 230VAC Input
Input Current
0.8Amps max @ 115VAC
0.5Amps max @ 230VAC
Leakage current
< 0.3mA / 230 VAC
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Line Regulation
±1.0%: 5~12Volts(DC)
± 5%: 15~48Volts(DC)
Load Regulation
±2.0%: 5Volts(DC)
1%: 12~48Volts(DC)
Voltage Tolerance (Note 2)
±3%
Ripple/Noise (Note 1)
See Selection Chart
Hold Up Time @ FL
70mS @ 230VAC
12mS @ 115VAC
Setup, Rise Time @ FL
500mS, 30mS/230VAC
500mS. 30mS/115VAC
Over Temperature Protection
Tj 135°C typ. (U1) detect on main
conrol IC, auto recover
Over Voltage Protection
See Selection Chart
Hiccup mode, auto recover
Over Current Protection
Above 105% rated output power
Hiccup mode, auto recover
GENERAL SPECIFICATIONS
Safety
UL2601-1
TUV EN60601-1
IEC60601-1 approved
Insulation Resistance
≥ 100MΩ
EMI
Compliance to EN55011 (CISPR11)
Class B
Harmonic Current
Compliance to EN61000-3-2,-3
Efficiency
See Selection Chart
Isolation
4000VAC Input - Output
1500VAC Input - Ground
Short Output - Ground
EMS
Compliance to
EN61000-4-2,3,4,5,6,8,11;
ENV50204, EN55024, EN60601-1-2,
medical level, criteria A
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-10°C to +60°C (See Derate Curve)
Storage Temperature
-20°C to +85°C, 10~95% RH
Relative Humidity
20 to +90% RH non cond
Temperature Coefficient
0.03% / °C (0-50°C)
MTBF
547KHrs min, MIL-HDBK-217F(25°C)
Vibration
10~500Hz, 2G10min./1cycle, period for
60min. each along X, Y, Z axes
PHYSICAL SPECIFICATIONS
Size
Millimeters
101.6 x 65.8 x 23.5
Inches
4” x 2.59” x 0.93”
Weight
5.64 oz (160g)
NOTE
1. Ripple and Noise are measured at 20MHz of bandwidth by using a
12” twisted pair-wire terminated with a 0.1uf & 47 uf parallel capacitor.
2. Tolerance: includes set up tolerance, line regulation and load regula-
tion.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com