Electronic Components Datasheet Search
  English  ▼

X  

CPC7592BCTR Datasheet(PDF) 8 Page - IXYS Corporation

Part # CPC7592BCTR
Description  Eliminates the need for zero cross switching
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7592BCTR Datasheet(HTML) 8 Page - IXYS Corporation

Back Button CPC7592BCTR Datasheet HTML 4Page - IXYS Corporation CPC7592BCTR Datasheet HTML 5Page - IXYS Corporation CPC7592BCTR Datasheet HTML 6Page - IXYS Corporation CPC7592BCTR Datasheet HTML 7Page - IXYS Corporation CPC7592BCTR Datasheet HTML 8Page - IXYS Corporation CPC7592BCTR Datasheet HTML 9Page - IXYS Corporation CPC7592BCTR Datasheet HTML 10Page - IXYS Corporation CPC7592BCTR Datasheet HTML 11Page - IXYS Corporation CPC7592BCTR Datasheet HTML 12Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
INTEGRATED CIRCUITS DIVISION
8
www.ixysic.com
R04
CPC7592
1.7 Digital I/O Electrical Specifications
1.8 Voltage and Power Specifications
Parameter
Test Conditions
Symbol
Minimum
Typical
Maximum
Unit
Input Characteristics
Input voltage, Logic low
Input voltage falling
VIL
0.8
1.1
-
V
Input voltage, Logic high
Input voltage rising
VIH
1.9
2.4
Input leakage current,
INRINGING and INTEST,
Logic high
VDD = 5.5 V, VBAT = -75 V, VHI =2.4V
IIH
-0.1
1
A
Input leakage current,
INRINGING and INTEST,
Logic low
VDD = 5.5 V, VBAT = -75 V, VIL = 0.4V
IIL
-0.1
1
A
Input leakage current,
LATCH Logic high
VDD = 4.5 V, VBAT = -75 V, VIH = 2.4V
IIH
10
28
-
A
Input leakage current,
LATCH Logic low
VDD = 5.5 V, VBAT = -75 V, VIL = 0.4V
IIL
-
46
125
A
Input leakage current,
TSD Logic high
VDD = 5.5 V, VBAT = -75 V, VIH = 2.4
IIH
10
16
30
A
Input leakage current,
TSD Logic low
VDD = 5.5 V, VBAT = -75 V, VIL = 0.4V
IIL
10
16
30
A
Output Characteristics
Output voltage,
TSD Logic high
VDD = 5.5 V, VBAT = -75 V, ITSD = 10AVTSD_off
2.4
VDD
-V
Output voltage,
TSD Logic low
VDD = 5.5 V, VBAT = -75 V, ITSD = 1mA
VTSD_on
-0
0.4
V
Parameter
Test Conditions
Symbol
Minimum
Typical
Maximum
Unit
Voltage Requirements
VDD
-
VDD
4.5
5.0
5.5
V
VBAT
1
-
VBAT
-19
-48
-72
V
1V
BAT is used only for internal protection circuitry. If VBAT rises above-10 V, the device will enter the all-off state and will remain in the all-off state until the battery
drops below approximately -15 V
Power Specifications
Power consumption
VDD = 5 V, VBAT = -48 V, VIH = 2.4V,
VIL = 0.4V, Measure IDD and IBAT,
Talk and All-Off States
P
-
5.5
10
mW
All other states
P
-
6.5
10
mW
VDD current in talk and
all-off states
VDD = 5 V, VBAT = -48 V, VIH = 2.4V,
VIL = 0.4V
IDD
-1.1
2.0
mA
VDD current in ringing
state
IDD
-1.3
2.0
VBAT current in any state
VDD = 5V, VBAT = -48 V, VIH = 2.4V,
VIL = 0.4V
IBAT
-0.1
10
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com