Electronic Components Datasheet Search
  English  ▼

X  

CPC7592BCTR Datasheet(PDF) 9 Page - IXYS Corporation

Part # CPC7592BCTR
Description  Eliminates the need for zero cross switching
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7592BCTR Datasheet(HTML) 9 Page - IXYS Corporation

Back Button CPC7592BCTR Datasheet HTML 5Page - IXYS Corporation CPC7592BCTR Datasheet HTML 6Page - IXYS Corporation CPC7592BCTR Datasheet HTML 7Page - IXYS Corporation CPC7592BCTR Datasheet HTML 8Page - IXYS Corporation CPC7592BCTR Datasheet HTML 9Page - IXYS Corporation CPC7592BCTR Datasheet HTML 10Page - IXYS Corporation CPC7592BCTR Datasheet HTML 11Page - IXYS Corporation CPC7592BCTR Datasheet HTML 12Page - IXYS Corporation CPC7592BCTR Datasheet HTML 13Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7592
R04
www.ixysic.com
9
1.9 Protection Circuitry Electrical Specifications
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
Protection Diode Bridge
Forward Voltage drop,
continuous current
(50/60 Hz)
Apply ± dc current limit of break
switches
VF
-2.1
3.0
V
Forward Voltage drop,
surge current
Apply ± dynamic current limit of break
switches
VF
-5-
Protection SCR (CPC7592xA and CPC7592xC)
Surge current
-
-
-
-
*
A
Trigger current:
Current into VBAT pin.
SCR activates, +25
 C
ITRIG
-
60
(CPC7592xA)
70
(CPC7592xC)
-mA
SCR activates, +85
 C
35
(CPC7592xA)
40
(CPC7592xC)
Hold current: Current
through protection SCR
SCR remains active, +25
 C
IHOLD
-
100
(CPC7592xA)
135
(CPC7592xC)
-mA
SCR remains active, +85
 C
60
(CPC7592xA)
110
(CPC7592xC)
70
(CPC7592xA)
115
(CPC7592xC)
Gate trigger voltage
IGATE = ITRIGGER
§
VTBAT or
VRBAT
VBAT -4
-
VBAT -2
V
Reverse leakage current VBAT = -48 V
IVBAT
--
1.0
A
On-state voltage
0.5 A, t = 0.5
sV
TBAT or
VRBAT
-
-3
-V
2.0 A, t = 0.5
s-5
Temperature Shutdown Specifications
Shutdown activation
temperature
Not production tested - limits are
guaranteed by design and Quality
Control sampling audits.
TTSD_on
110
125
150
C
Shutdown circuit
hysteresis
TTSD_off
10
-
25
C
*Passes GR1089 and ITU-T K.20 with appropriate secondary protection in place.
§V
BAT must be capable of sourcing ITRIGGER for the internal SCR to activate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com