Electronic Components Datasheet Search
  English  ▼

X  

DAC1218 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC1218
Description  12-Bit Binary Multiplying D/A Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC1218 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DAC1218 Datasheet HTML 1Page - National Semiconductor (TI) DAC1218 Datasheet HTML 2Page - National Semiconductor (TI) DAC1218 Datasheet HTML 3Page - National Semiconductor (TI) DAC1218 Datasheet HTML 4Page - National Semiconductor (TI) DAC1218 Datasheet HTML 5Page - National Semiconductor (TI) DAC1218 Datasheet HTML 6Page - National Semiconductor (TI) DAC1218 Datasheet HTML 7Page - National Semiconductor (TI) DAC1218 Datasheet HTML 8Page - National Semiconductor (TI) DAC1218 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Application Hints
The DAC1218 and DAC1219 are pin-for-pin compatible with
the DAC1220 series but feature 12 and 11-bit linearity spec-
ifications To preserve this degree of accuracy care must
be taken in the selection and adjustments of the output am-
plifier and reference voltage Careful PC board layout is im-
portant with emphasis made on compactness of compo-
nents to prevent inadvertent noise pickup and utilization of
single point grounding and supply distribution
10 BASIC CIRCUIT DESCRIPTION
Figure 1 illustrates the R-2R current switching ladder net-
work used in the DAC1218 and DAC1219 As a function of
the logic state of each digital input the binarily weighted
current in each leg of the ladder is switched to either IOUT1
or IOUT2 The voltage potential at IOUT1 and IOUT2 must be
at zero volts to keep the current in each leg the same inde-
pendent of the switch state
The switches operate with a small voltage drop across them
and can therefore conduct currents of either polarity This
permits the reference to be positive or negative thereby
allowing 4-quadrant multiplication by the digital input word
The reference can be a stable DC source or a bipolar AC
signal within the range of g10V for specified accuracy with
an absolute maximum range of g25V The reference can
also exceed the applied VCC of the DAC
The maximum output current from either IOUT1 or IOUT2 is
equal to
VREF(max)
R
4095
4096
J
where R is the reference input resistance (typically 15 kX)
A high level on any digital input steers current to IOUT1 and
a low level steers current to IOUT2
20 CREATING A UNIPOLAR OUTPUT VOLTAGE
(A DIGITAL ATTENUATOR)
To generate an output voltage and keep the potential at the
current output terminals at 0V an op amp current to voltage
converter is used As shown in
Figure 2 the current from
IOUT1 flows through the feedback resistor forcing a propor-
tional voltage at the amplifier output The voltage at IOUT1 is
held at a virtual ground potential The feedback resistor is
provided on the chip and should always be used as it
matches and tracks the R value of the R-2R ladder The
output voltage is the opposite polarity of the applied refer-
ence voltage
21 Amplifier Considerations
To maintain linearity of the output voltage with changing
digital input codes the input offset voltage of the amplifier
must be nulled
The resistance from IOUT1 to ground
(RIOUT1) varies non-linearly with the applied digital code
from a minimum of R with all ones applied to the input to
near % with an all zeros code Any offset voltage between
the amplifier inputs appears at the output with a gain of
1 a
RF
RIOUT1
Since RIOUT1 varies with the input code any offset will de-
grade output linearity (See Note 4 of Electrical Characteris-
tics)
If the desired amplifier does not have offset balancing pins
available (it could be part of a dual or quad package) the
nulling circuit of
Figure 3 can be used The voltage at the
non-inverting input will be set to b VOS initially to force the
inverting input to 0V The common technique of summing
current into the amplifier summing junction cannot be used
as it directly introduces a zero code output current error
TLH5691 – 4
Note
Switches shown in digital high state
FIGURE 1 The R-2R Current Switching Ladder Network
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com