Electronic Components Datasheet Search
  English  ▼

X  

DAC1218 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC1218
Description  12-Bit Binary Multiplying D/A Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC1218 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button DAC1218 Datasheet HTML 4Page - National Semiconductor (TI) DAC1218 Datasheet HTML 5Page - National Semiconductor (TI) DAC1218 Datasheet HTML 6Page - National Semiconductor (TI) DAC1218 Datasheet HTML 7Page - National Semiconductor (TI) DAC1218 Datasheet HTML 8Page - National Semiconductor (TI) DAC1218 Datasheet HTML 9Page - National Semiconductor (TI) DAC1218 Datasheet HTML 10Page - National Semiconductor (TI) DAC1218 Datasheet HTML 11Page - National Semiconductor (TI) DAC1218 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Additional Application Ideas (Continued)
DAC Controlled Function Generator
 C1 controls maximum frequency
 k05% sine wave THD over range
 Range 30 kHz maximum
 LinearityDAC limit
 f e
D
4096 (43 RFb C)
TLH5691 – 13
Digitally Programmable Pulse-Width Generator
TLH5691 – 14
PW j
C(75V) (4096) (RFb)
D
lVREF
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com