Electronic Components Datasheet Search
  English  ▼

X  

DAC14135 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC14135
Description  14-bit, 135MSPS D/A Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC14135 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button DAC14135 Datasheet HTML 4Page - National Semiconductor (TI) DAC14135 Datasheet HTML 5Page - National Semiconductor (TI) DAC14135 Datasheet HTML 6Page - National Semiconductor (TI) DAC14135 Datasheet HTML 7Page - National Semiconductor (TI) DAC14135 Datasheet HTML 8Page - National Semiconductor (TI) DAC14135 Datasheet HTML 9Page - National Semiconductor (TI) DAC14135 Datasheet HTML 10Page - National Semiconductor (TI) DAC14135 Datasheet HTML 11Page - National Semiconductor (TI) DAC14135 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
http://www.national.com
8
ridden by an external bandgap reference voltage.
The
reference ground (REFLO) should always be tied to
analog ground. The REFIO pin should be bypassed to
REFLO using a 0.1
µF capacitor. For reduced noise, an
external compensation capacitor (0.1
µF) should also be
used to bypass the internal reference loop from pin
REFCOMP to AGND. Figure 3 shows the internal
voltage reference loop functional schematic.
Figure 3: Internal Voltage Loop
Functional Schematic
A reference current source (Iref) from pin FSADJ to
ground may be used to set the full scale output current
(Ifs) of the DAC14135. The full scale current is given by,
Ifs = 42.67 x Iref
Alternatively, a resistor (Rset) from FSADJ to AGND may
be used to set the full scale output current of the DAC.
Ifs (mA) = 42.67 x REFIO/Rset
The voltage at REFIO is nominally set by the internal
bandgap at 1.235V. For a full scale output current of
20mA, the value of Rset is 2.635k
Ω.
Analog Outputs
The differential analog outputs, IOUTT and IOUTF, are high
impedance current source outputs. These outputs, if
terminated into 50
Ω at 20mA full scale current, will
generate a differential voltage output at 2Vpp. The output
compliance of each of the current outputs of the
DAC14135 is -0.5V to +1.25V. The differential outputs
can be converted to a single-ended output using an RF
center-tapped transformer or a differential to single-
ended amplifier. The IOUTT and IOUTF traces on the
printed circuit board should be short and matched with
adequate analog grounding nearby. One example of an
AC coupled differential to single-ended topology is shown
in Figure 4.
Figure 4: AC Coupled Differential to
Single-ended Topology
DAC14135 Grounding Information
In the DAC14135, all the grounds AGND, REFLO, DGND
and CGND are shorted together inside the package. The
purpose of having separate grounds on the printed circuit
board is to prevent digital data currents from returning
through the analog or reference grounds, and corrupting
the analog outputs. Refer to the evaluation board layout.
PMOS
mirrors
Band-
gap
1.235V
REFCOMP
REFIO
FSADJ
DAC14135
REFLO
Rset
0.1
µF
0.1
µF
Iref
IOUTT
IOUTF
DAC14135
50
Ω
50
Ω
T1-1T
100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com