Electronic Components Datasheet Search
  English  ▼

X  

DAC14135 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC14135
Description  14-bit, 135MSPS D/A Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC14135 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DAC14135 Datasheet HTML 1Page - National Semiconductor (TI) DAC14135 Datasheet HTML 2Page - National Semiconductor (TI) DAC14135 Datasheet HTML 3Page - National Semiconductor (TI) DAC14135 Datasheet HTML 4Page - National Semiconductor (TI) DAC14135 Datasheet HTML 5Page - National Semiconductor (TI) DAC14135 Datasheet HTML 6Page - National Semiconductor (TI) DAC14135 Datasheet HTML 7Page - National Semiconductor (TI) DAC14135 Datasheet HTML 8Page - National Semiconductor (TI) DAC14135 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
http://www.national.com
2
PARAMETERS
CONDITIONS
TEMP
RATINGS
UNITS
NOTES
MIN
TYP
MAX
RESOLUTION
Full
14
Bits
1
FULL SCALE CURRENT
Full
20
mA
MAXIMUM CONVERSION RATE
Full
135
150
MSPS
1, 2
SFDR (1ST Nyquist band)
fout = 1MHz, 0dBFS
Full
75
85
dBc
2
SFDR (1ST Nyquist band)
fout = 5MHz, 0dBFS
Full
70
79
dBc
2
SFDR (1ST Nyquist band)
fout = 20MHz, 0dBFS
Full
64
70
dBc
1, 2
NOISE FLOOR
fout = 5MHz, 0dBFS
+25°C
-146
dBFS/Hz
DYNAMIC LINEARITY @ DVDD = +5V
sample rate = 135MSPS
spurious-free dynamic range
1ST Nyquist band
fout = 1MHz
0dBFS
Full
75
85
dBc
2
fout = 5MHz
0dBFS
Full
70
79
dBc
2
fout = 20MHz
0dBFS
Full
64
70
dBc
1, 2
SFDR within a band
fout = 20MHz, 4MHz band
+25°C
90
dBc
four-tone SFDR
6.2, 9.31, 18.8, 21.95 MHz
+25°C
72
dBc
DYNAMIC LINEARITY @ DVDD = +3.3V sample rate = 100MSPS
spurious-free dynamic range
1ST Nyquist band
fout = 1MHz
0dBFS, DVDD = +3.3V
+25°C
83
dBc
fout = 5MHz
0dBFS, DVDD = +3.3V
+25°C
77
dBc
fout = 20MHz
0dBFS, DVDD = +3.3V
+25°C
70
dBc
DYNAMIC CHARACTERISTICS
glitch impulse
+25°C
1
pV-s
3
settling time to 0.1%
step size = Ifullscale/2
+25°C
30
ns
rise time
+25°C
0.4
ns
fall time
+25°C
0.4
ns
DC ACCURACY AND PERFORMANCE
differential non-linearity
+25°C
±1.0
LSB
integral non-linearity
+25°C
±1.5
LSB
gain error
+25°C
±5.0
% of FS
gain drift
20mA output current
Full
±75
ppm/°C
offset error
+25°C
10
nA
reference voltage
+25°C
1.111
1.235
1.358
V
ANALOG OUTPUT PERFORMANCE
full scale current
+25°C
20
mA
compliance voltage (high)
+25°C
1.25
V
compliance voltage (low)
+25°C
-0.5
V
output resistance
at mid-scale
+25°C
150
k
Ω
output capacitance
at mid-scale
+25°C
8.5
pF
DATA INPUTS
input logic low voltage, VIL
Full
1.3
V
1
input logic high voltage, VIH
Full
3.5
V
1
input logic low voltage, VIL
DVDD = +3.3V
Full
0.9
V
1
input logic high voltage, VIH
DVDD = +3.3V
Full
2.4
V
1
input logic low current, IIL
Full
-10
10
µA1
input logic high current, IIH
Full
-10
10
µA1
TIMING
maximum conversion rate
Full
135
150
MSPS
1, 2
setup time (T
S)
+25°C
0.5
ns
hold time (T
H)
+25°C
4.5
ns
propagation delay (T
PD)
+25°C
2
ns
latency
+25°C
1
clk cycles
CLOCK INPUTS
clock inputs internal self bias
+25°C
1.5
V
differential clock input swing
Full
1.5
Vpp
differential clock input slew rate
Full
1
V/ns
clock input impedance (single-ended)
+25°C
1.2
k
Ω
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.
DAC14135
(sample rate = 135MSPS, Tmin = -40°C, Tmax = +85°C, AVDD = +5V, DVDD = +5V, CVDD = +5V,
Electrical Characteristics full scale current = 20mA, differential 50Ω doubly terminated output, unless specified otherwise)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com